Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7575 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7575
Description  MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7575 Datasheet HTML 1Page - STMicroelectronics TDA7575 Datasheet HTML 2Page - STMicroelectronics TDA7575 Datasheet HTML 3Page - STMicroelectronics TDA7575 Datasheet HTML 4Page - STMicroelectronics TDA7575 Datasheet HTML 5Page - STMicroelectronics TDA7575 Datasheet HTML 6Page - STMicroelectronics TDA7575 Datasheet HTML 7Page - STMicroelectronics TDA7575 Datasheet HTML 8Page - STMicroelectronics TDA7575 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
TDA7575
ICDL
Clip Pin Low Sink Current
CD on; VCD < 300mV
1
mA
CD
Clip detect THD level
D0 (IB1) = 0
0.8
1.3
2.5
%
D0 (IB1) = 1
5
10
15
%
(*) ST-BY Pin high enables I2C bus; ST-BY Pin low puts the device in ST-BY condition.(see “prog” for more details)
TURN ON DIAGNOSTICS (Power Amplifier Mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered in
Short Circuit to GND)
Power Amplifier in st-by condition
1.2
V
Pvs
Short to Vs det. (above this
limit, the Output is considered in
Short Circuit to VS)
Vs -0.9
V
Pnop
Normal operation
thresholds.(Within these limits,
the Output is considered
without faults).
1.8
Vs -1.5
V
Lsc
Shorted Load det.
0.5
Ω
Lop
Open Load det.
130
Ω
Lnop
Normal Load det.
1.5
70
Ω
TURN ON DIAGNOSTICS (Line Driver Mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered in
Short Circuit to GND)
Power Amplifier in st-by
1.2
V
Pvs
Short to Vs det. (above this
limit, the Output is considered in
Short Circuit to VS)
Vs -0.9
V
Pnop
Normal operation
thresholds.(Within these limits,
the Output is considered
without faults).
1.8
Vs -1.5
V
Lsc
Shorted Load det.
1.5
Ω
Lop
Open Load det.
400
Ω
Lnop
Normal Load det.
4.5
200
Ω
PERMANENT DIAGNOSTICS (Power Amplifier Mode or Line Driver Mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered in
Short Circuit to GND)
Power Amplifier in Mute or Play
condition, one or more short circuits
protection activated
1.2
V
Pvs
Short to Vs det. (above this
limit, the Output is considered in
Short Circuit to VS)
Vs - 0.9
V
Pnop
Normal operation
thresholds.(Within these limits,
the Output is considered
without faults).
1.8
Vs -1.5
V
Lsc
Shorted Load det.
Pow. Amp. mode
0.5
Ω
Line Driver mode
1.5
Ω
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTCS: (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com