Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7575 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7575
Description  MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7575 Datasheet HTML 9Page - STMicroelectronics TDA7575 Datasheet HTML 10Page - STMicroelectronics TDA7575 Datasheet HTML 11Page - STMicroelectronics TDA7575 Datasheet HTML 12Page - STMicroelectronics TDA7575 Datasheet HTML 13Page - STMicroelectronics TDA7575 Datasheet HTML 14Page - STMicroelectronics TDA7575 Datasheet HTML 15Page - STMicroelectronics TDA7575 Datasheet HTML 16Page - STMicroelectronics TDA7575 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
TDA7575
14/17
relevant data are stored inside the device and can be read by the microprocessor. When one cycle
has terminated, the next one is activated by an I
2C reading. This is to ensure continuous diagnostics
throughout the car-radio operating time.
– To check the status of the device a sampling system is needed. The timing is chosen at microproces-
sor level (over than half a second is recommended).
Fig. G: Restart timing without Diagnostic Enable (Permanent)
Each 1mS time, a sampling of the fault is done
Fig H: Restart timing with Diagnostic Enable (Permanent)
OUTPUT DC OFFSET DETECTION.
Any DC output offset exceeding +/- 2 V are signalled out. This inconvenient might occur as a consequence of
initially defective or aged and worn-out input capacitors feeding a DC component to the inputs, so putting the
speakers at risk of overheating.
This diagnostic has to be performed with low-level output AC signal (or Vin = 0).
The test is run with selectable time duration by microprocessor (from a "start" to a "stop" command):
– START = Last reading operation or setting IB1 - D5 - (OFFSET enable) to 1
– STOP = Actual reading operation
Excess offset is signalled out if persistent throughout the assigned testing time. This feature is disabled if any
overloads leading to activation of the short-circuit protection occurs in the process.
circuit protection intervention
t
1-2mS
1mS
1mS
1mS
1mS
Overcurrent and short
(i.e. short circuit to GND)
Short circuit removed
Out
circuit protection intervention
t
Overcurrent and short
(i.e. short circuit to GND)
Short circuit removed
1mS
100mS
1mS
1mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com