Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8140 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA8140
Description  HORIZONTAL DEFLECTION POWER DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8140 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA8140 Datasheet HTML 2Page - STMicroelectronics TDA8140 Datasheet HTML 3Page - STMicroelectronics TDA8140 Datasheet HTML 4Page - STMicroelectronics TDA8140 Datasheet HTML 5Page - STMicroelectronics TDA8140 Datasheet HTML 6Page - STMicroelectronics TDA8140 Datasheet HTML 7Page - STMicroelectronics TDA8140 Datasheet HTML 8Page - STMicroelectronics TDA8140 Datasheet HTML 9Page - STMicroelectronics TDA8140 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CIRCUIT DESCRIPTION
Figure 7 shows the block diagram of the TDA8140,
the circuit consists of an input transconductance
amplifier composed by Q1, Q2, Q3 and Q4.
The symmetrical output current is fed into the load
resistor R1 and R2 ; the two amplifiers V1 and V2
realize a floating voltage to current converter which
can drive 1.2A sink current and 2A source current
for a wide common output range.
So, the overall transconductance results into :
gm
=
R1
+ R2
R3
⋅
1
R5
A current source I1 generates a drop of 70mV
across the resistor R4 which provides an output
bias current of 140mA ; the control input determines
the turn ON/OFF function.
In the ON phase, Q5 shorts the external capacitor
Ct. Within the input voltage range 0 < Vin < 750mV
the element realizes the transconductance func-
tion ; lower voltages are clamped by the D1/Q6
configuration.
For input voltages higher than 750mV, Q7 limits the
maximum output current at 1.5A peak.
In the turn-OFF mode, Ct will be charged by the
controlled source I2 which is proportional to the
input voltage, by this way, the output current de-
creases quasi linearly and the system stability is
reached.
During the flyback phase, the IC is disabled via the
sync. detector input ; this function with the limited
sink and source current together with the undervol-
tage turn-OFF and a chip temperature sensor en-
sure a complete protection of the IC.
In Figure 8 is shown the application diagram of the
TDA 8140, the few external component and the
automatic handling possibility ensures a lower ap-
plication cost versus the conventional approach
shown in Figure 4.
In Figure 9 is shown the currents and voltages
waveforms of the driver circuit of Figure 8, as to be
seen, the driving charge Ib
⋅ ton has been reduced
at minimum.
&
C
VOLTAGE
CONTROL
V < 7V
j
OVERTEMP.
PROTECTION
T < 150˚C
&
8
7
6
5
4
3
1
2
9
101112
13141516
Q9
V1
R2
R1
INPUT
TRANSCONDUCTANCE
AMPLIFIER
V2
Q10
Q11
R5
D2
Q7
Q6
R4
D1
Q1
Q4
Q3
R3
Q8
R6
Q2
Q5
I
1
I
2
REF
IN
V
V
= 750mV
OUTPUT
I
B
SENSE
INPUT
V
+
CC
PROTECTION
AND REMOTE
STANDBY INPUT
CONTROL
INPUT
SPECIAL
REMOTE
STANDBY
POWER GROUND
SENSE
GROUND
C
EXT
C
T
Figure 7 : Block Diagram of the Integrated Horizontal Driver
TDA8140
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com