Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8140 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8140
Description  HORIZONTAL DEFLECTION POWER DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8140 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8140 Datasheet HTML 1Page - STMicroelectronics TDA8140 Datasheet HTML 2Page - STMicroelectronics TDA8140 Datasheet HTML 3Page - STMicroelectronics TDA8140 Datasheet HTML 4Page - STMicroelectronics TDA8140 Datasheet HTML 5Page - STMicroelectronics TDA8140 Datasheet HTML 6Page - STMicroelectronics TDA8140 Datasheet HTML 7Page - STMicroelectronics TDA8140 Datasheet HTML 8Page - STMicroelectronics TDA8140 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
6
7
SYNC. DET.
THERMAL
PROTECTION
I
B1
S
V
I
B2
C
V
82
1
3
4
5
9
10111213
141516
SPECIAL
REMOTE
STANDBY
CONTROL
IN
PROTECTION AND
REMOTE STANBY INPUT
C
1nF
100k
Ω
OUT
SENSE
IN
GND
27
Ω
220
µF
BU508
22nF
4.7
Ω
10
µH
0.15
Ω
V
H
R
S
V
CC +
&
TDA8140
BLOCK DIAGRAM
PIN FUNCTION
Pin
Name
Function
1
Output
Device Output
2VCC
Supply Voltage
3
Sense Input
Input voltage that determines output current.
4
Sense GND
Reference Ground for Input Voltage at Sense Input
5CEXT
Capacitor between this terminal and Sense Ground determines the
current slope dIo/dt during off phase.
6
Special Remote/Standby
Low level at this input sets the device after a delay time tdr in the
standby mode independent from control input (2nd priority) (in
standard applications pin 6 must be left unconnected).
7
Control Input
High level at this input switches the BU508 off, low level switches
the BU508 on.
8
Protection and Remote Standby
Input
A high level at this input switches the BU508 off independent from
all other inputs (1st priority).
9-16
Power Ground
Common Ground
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
18
V
Id
Output Current
Internally Limited
Ptot
Power Dissipation
Internally Limited
Tstg, Tj
Storage and Junction Temperature
– 40, + 150
°C
Toper
Operating Temperature
0, + 70
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max
70
°C/W
Rth j-case
Thermal Resistance Junction-case
Max
15
°C/W
TDA8140
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com