Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8140 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA8140
Description  HORIZONTAL DEFLECTION POWER DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8140 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA8140 Datasheet HTML 1Page - STMicroelectronics TDA8140 Datasheet HTML 2Page - STMicroelectronics TDA8140 Datasheet HTML 3Page - STMicroelectronics TDA8140 Datasheet HTML 4Page - STMicroelectronics TDA8140 Datasheet HTML 5Page - STMicroelectronics TDA8140 Datasheet HTML 6Page - STMicroelectronics TDA8140 Datasheet HTML 7Page - STMicroelectronics TDA8140 Datasheet HTML 8Page - STMicroelectronics TDA8140 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
OUT
+12V
C b
L o
D1
BU
R
b
C a
C o
C s
R
o
R
f
R
s
STANDBY
Figure 3 : P.C. Board and Components Layout of the Figure 2 (1 : 1 scale)
COMPONENTS LIST FOR TYPICAL APPLICATION
CRT
22"/26" 100
°
14"/20" 90
°
CRT
22"/26" 100
°
14"/20" 90
°
Ca
47
µF
47
µFRb
4.7
Ω
4.7
Ω
Ro
27
Ω 2W
27
Ω 1 W
Cb
47 nF
47 nF
Co
220
µF
220
µFRs
0.15
Ω
0.1
Ω
Lo
10
µH
10
µHCs
1 nF
1 nF
APPLICATION INFORMATION
The conventional deflection system is shown in Figure 4. The driving circuit consists of a bipolar power
transistor driven by a transformer and a medium power element plus some passive components.
V
CC +
V
IN
IB
I
C
I
D
YOKE
DEFLECTION CIRCUIT
HORIZONTAL
TRANSFORMER
DRIVING CIRCUIT
Figure 4 : Conventional Horizontal Deflection System for TVs
TDA8140
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com