Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52723ASP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M52723ASP
Description  Dynamic Focus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52723ASP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M52723ASP Datasheet HTML 1Page - Renesas Technology Corp M52723ASP Datasheet HTML 2Page - Renesas Technology Corp M52723ASP Datasheet HTML 3Page - Renesas Technology Corp M52723ASP Datasheet HTML 4Page - Renesas Technology Corp M52723ASP Datasheet HTML 5Page - Renesas Technology Corp M52723ASP Datasheet HTML 6Page - Renesas Technology Corp M52723ASP Datasheet HTML 7Page - Renesas Technology Corp M52723ASP Datasheet HTML 8Page - Renesas Technology Corp M52723ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
M52723ASP
REJ03F0191-0201 Rev.2.01 Mar 31, 2008
Page 4 of 22
Electrical Characteristics (cont.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Pin No.
H para. freq. characteristics 1
FHP1
−0.2
0.0
0.2
V
(6) 2.5 V in
(7) Measure
(15) 3.0 V in
(17) fH = 24 kHz H-pulse in
(19) 4.0 V in
7
H para. freq. characteristics 2
FHP2
−0.2
0.0
0.2
V
(6) 2.5 V in
(7) Measure
(15) 3.0 V in
(17) fH = 110 kHz H-pulse in
(19) 4.0 V
7
H para. VCC characteristics 1
VVHP1
−0.1
0.0
0.1
V
(6) 2.5 V in
(7) Measure
(15) 3.0 V in
(10) (20) 11.5 V in
(17) fH = 50 kHz H-pulse in
(19) 4.0 V in
7
H para. VCC characteristics 2
VVHP2
−0.1
0.0
0.1
V
(6) 2.5 V in
(7) Measure
(15) 3.0 V in
(10) (20) 12.5 V in
(17) fH = 50 kHz H-pulse in
(19) 4.0 V
7
H para. size temperature drift
DHP
−275
ppm/
deg
(6) 2.5 V in
(7) Measure
(15) 3.0 V in
(17) fH = 50 kHz H-pulse in
(19) 4.0 V in
7
H para. size control 1
SHP1
7.5
8.2
8.9
VP-P
(6) 2.5 V in
(7) Measure
(15) 3.0 V in
(17) fH = 50 kHz H-pulse in
(19) 4.0 V in
7
H para. size control 2
SHP2
20
25
30
%
(6) 2.5 V in
(7) Measure
(15) 3.0 V in
(17) fH = 50 kHz H-pulse in
(19) 2.0 V in
7
H para. size control 3
SHP3
−5
0
5
%
(6) 2.5 V in
(7) Measure
(15) 3.0 V in
(17) fH = 50 kHz H-pulse in
(19) 0 V in
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com