Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52723ASP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M52723ASP
Description  Dynamic Focus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52723ASP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M52723ASP Datasheet HTML 2Page - Renesas Technology Corp M52723ASP Datasheet HTML 3Page - Renesas Technology Corp M52723ASP Datasheet HTML 4Page - Renesas Technology Corp M52723ASP Datasheet HTML 5Page - Renesas Technology Corp M52723ASP Datasheet HTML 6Page - Renesas Technology Corp M52723ASP Datasheet HTML 7Page - Renesas Technology Corp M52723ASP Datasheet HTML 8Page - Renesas Technology Corp M52723ASP Datasheet HTML 9Page - Renesas Technology Corp M52723ASP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
M52723ASP
REJ03F0191-0201 Rev.2.01 Mar 31, 2008
Page 6 of 22
Electrical Characteristics (cont.)
Limits
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Pin No.
V parabola amplitude 2
GVP2
2.77
3.12
3.47
VP-P
(2) fV = 70 Hz, 3.2 VP-P saw
wave in
(3) 3.5 V in
(4) measure
(5) 2.5 V in
4
V parabola amplitude 3
GVP3
6.26
6.56
6.86
VP-P
(2) fV = 70 Hz, 3.2 VP-P saw
wave in
(3) 3.5 V in
(4) measure
(5) 4.0 V in
4
V para. freq. characteristics 1
FVP1
−0.1
0.0
0.1
V
(2) fV = 50 Hz, 3.2 VP-P saw
wave in
(3) 3.5 V in
(4) measure
(5) 4.0 V in
4
V para. freq. characteristics 2
FVP2
−0.1
0.0
0.1
V
(2) fV = 185 Hz, 3.2 VP-P saw
wave in
(3) 3.5 V in
(4) measure
(5) 4.0 V in
4
V para. VCC. characteristics 1
VVP1
−0.1
0.0
0.1
V
(2) fV = 70 Hz, 3.2 VP-P saw
wave in
(3) 3.5 V in
(4) measure
(5) 4.0 V in
4
V para. VCC. characteristics 2
VVP2
−0.1
0.0
0.1
V
(2) fV = 70 Hz, 3.2 VP-P saw
wave in
(3) 3.5 V in
(4) measure
(5) 4.0 V in
4
V para. VCC. temperature drift
DVP
−325
ppm/
deg
(2) fV = 70 Hz, 3.2 VP-P saw
wave in
(3) 3.5 V in
(4) measure
(5) 4.0 V in
4
Pin2 input current
I2
−5.0
−0.4
−0.1
µA
(2) 3.5 V in, measure
2
Pin3 input current
I3
−5.0
−0.4
−0.1
µA
(3) 3.5 V in, measure
3
Pin5 input current
I5
−5.0
−0.4
−0.1
µA
(5) 2.5 V in, measure
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com