Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52723ASP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M52723ASP
Description  Dynamic Focus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52723ASP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M52723ASP Datasheet HTML 1Page - Renesas Technology Corp M52723ASP Datasheet HTML 2Page - Renesas Technology Corp M52723ASP Datasheet HTML 3Page - Renesas Technology Corp M52723ASP Datasheet HTML 4Page - Renesas Technology Corp M52723ASP Datasheet HTML 5Page - Renesas Technology Corp M52723ASP Datasheet HTML 6Page - Renesas Technology Corp M52723ASP Datasheet HTML 7Page - Renesas Technology Corp M52723ASP Datasheet HTML 8Page - Renesas Technology Corp M52723ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
M52723ASP
REJ03F0191-0201 Rev.2.01 Mar 31, 2008
Page 3 of 22
Electrical Characteristics
(Ta = 25°C, VCC = 12 V, unless otherwise noted)
Limits
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Pin No.
Circuit current 1
ICCH
15.1
21.5
27.9
mA
(10) Measure
10
Circuit current 2
ICCV
5.2
7.4
9.6
mA
(20) Measure
20
Reference voltage output
VREF
6.75
6.95
7.15
V
(14) Measure
14
Reference voltage temperature
drift
DREF
49
ppm/
deg
(14) Measure
14
Horizontal Block
H-pulse low input range
VIL
0.0
2.0
V
(6) 4.0 V in
(7) Measure
(15) 3.0 V in
(17) fH = 50 kHz H-pulse in
(19) 3.2 V in
7
H-pulse high input range
VIH
3.0
VCC
−2.0
V
(6) 4.0 V in
(7) Measure
(15) 3.0 V in
(17) fH = 50 kHz H-pulse in
(19) 3.2 V in
7
H-pulse low input current
IIL
−5.0
−0.6
−0.1
µA
(17) 0 V in, measure
17
H-pulse high input current
IIH
−1.0
0.0
1.0
µA
(17) 5 V in, measure
17
H parabola width
TW
0.50
0.70
0.90
µs
(6) 4.0 V in
(7) Measure
(15) 3.0 V in
(17) fH = 50 kHz H-pulse in
(19) 3.2 V in
7
H parabola delay 1
TD1
−0.09
0.09
0.35
µs
(6) 4.0 V in
(7) Measure
(15) 0 V in
(17) fH = 50 kHz H-pulse in
(19) 3.2 V in
7
H parabola delay 2
TD2
0.19
0.41
0.65
µs
(6) 4.0 V in
(7) Measure
(15) 1.5 V in
(17) fH = 50 kHz H-pulse in
(19) 3.2 V in
7
H parabola delay 3
TD3
2.65
2.95
3.20
µs
(6) 4.0 V in
(7) Measure
(15) 4.0 V in
(17) fH = 50 kHz H-pulse in
(19) 3.2 V in
7
Delay temperature drift
DD
−0.08
ns/
deg
(6) 4.0 V in
(7) Measure
(15) 3.0 V in
(17) fH = 50 kHz H-pulse in
(19) 3.2 V in
7
Pin15 input current
I15
−5.0
−0.4
−0.1
µA
(15) 2.5 V in, measure
15
H parabola amplitude
VHP
7.5
8.2
8.9
VP-P
(6) 2.5 V in
(7) Measure
(15) 3.0 V in
(17) fH = 50 kHz H-pulse in
(19) 4.0 V in
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com