Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61316SP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M61316SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61316SP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M61316SP Datasheet HTML 8Page - Renesas Technology Corp M61316SP Datasheet HTML 9Page - Renesas Technology Corp M61316SP Datasheet HTML 10Page - Renesas Technology Corp M61316SP Datasheet HTML 11Page - Renesas Technology Corp M61316SP Datasheet HTML 12Page - Renesas Technology Corp M61316SP Datasheet HTML 13Page - Renesas Technology Corp M61316SP Datasheet HTML 14Page - Renesas Technology Corp M61316SP Datasheet HTML 15Page - Renesas Technology Corp M61316SP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 12 of 26
Tr Pulse Characteristics1 (4 VP-P)
Measure the time needed for the input pulse to rise from 10% to 90% (Tr1) and for the output pulse to rise from 10% to
90% (Tr2) with an active probe.
Pulse characteristics Tr is calculated by the equations below:
Tr =
√ (Tr2)2 − (Tr1)2 (ns)
∆Tr Relative Pulse Characteristics1 (4 V
P-P)
Relative characteristics
∆Tr is calculated by the equation below:
∆Tr = Tr (26) − Tr (28),
Tr (28)
− Tr (30),
Tr (30)
− Tr (26)
Tf Pulse Characteristics2 (4 VP-P)
Measure the time needed for the input pulse to fall from 90% to 10% (Tf1) and for the output pulse to fall from 90% to
10% (Tf2) with an active probe.
Pulse characteristics Tf is calculated by the equations below:
Tf =
√ (Tf2)2 − (Tf1)2 (ns)
∆Tf Relative Pulse Characteristics2 (4 V
P-P)
Relative characteristics
∆Tf is calculated by the equation below:
∆Tf = Tf (26) − Tf (28),
Tf (28)
− Tf (30),
Tf (30)
− Tf (26)
100%
90%
10%
0%
Tr1 or Tr2
Tf1 or Tf2
VthCP Clamp Pulse Threshold Voltage
Decrease the SG5 input level gradually from 5.0 VP-P monitoring the waveform output. Measure the top level of input
pulse when the output pedestal voltage turn decrease with unstable. And increase the SG5 input level gradually from 0
VP-P. Measure the top level of input pulse when the output pedestal voltage turn increase with stable (a point of 2.0 V).
The measured value is called VthCP.
WCP Clamp Pulse Minimum Width
Decrease the SG5 pulse width gradually from 0.5
µs, monitoring the output. Measure the SG5 pulse width when the
output pedestal voltage turn decrease with unstable. And increase the SG5 pulse width gradual from 0
µs. Measure the
SG5 pulse width when the output pedestal voltage turn increase with stable (a point of 2.0 V). The measured value is
called WCP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com