Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61316SP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M61316SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61316SP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M61316SP Datasheet HTML 19Page - Renesas Technology Corp M61316SP Datasheet HTML 20Page - Renesas Technology Corp M61316SP Datasheet HTML 21Page - Renesas Technology Corp M61316SP Datasheet HTML 22Page - Renesas Technology Corp M61316SP Datasheet HTML 23Page - Renesas Technology Corp M61316SP Datasheet HTML 24Page - Renesas Technology Corp M61316SP Datasheet HTML 25Page - Renesas Technology Corp M61316SP Datasheet HTML 26Page - Renesas Technology Corp M61316SP Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 23 of 26
Application Method for M61311SP/M61316SP
About Clamp Pulse Input
Clamp pulse needs to be always inputted.
Clamp pulse width is recommended:
15 kHz at 1.0
µs over
30 kHz at 0.5
µs over
64 kHz at 0.3
µs over
The clamp pulse circuit in ordinary set is a long round about way, and beside high voltage, sometimes connected to
external terminal, it is very easy affected by large surge.
Therefore, the figure shown below is recommended.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com