Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61316SP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M61316SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61316SP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M61316SP Datasheet HTML 19Page - Renesas Technology Corp M61316SP Datasheet HTML 20Page - Renesas Technology Corp M61316SP Datasheet HTML 21Page - Renesas Technology Corp M61316SP Datasheet HTML 22Page - Renesas Technology Corp M61316SP Datasheet HTML 23Page - Renesas Technology Corp M61316SP Datasheet HTML 24Page - Renesas Technology Corp M61316SP Datasheet HTML 25Page - Renesas Technology Corp M61316SP Datasheet HTML 26Page - Renesas Technology Corp M61316SP Datasheet HTML 27Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 25 of 26
Application Example
+
0.01
µ
3.3
µ
75
G IN
+
0.01
µ
3.3
µ
75
50 k
B IN
Sync
Sepa
OUT
Video
Det
OUT
26
27
28
29
30
31
32
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10111213141516
M61311SP/M61316SP
+
+
110 V
3 k
100
µH
100
BRIGHT
2 to 3 VDC
3 k
3 k
Clamp Pulse IN
CRT
ABL IN
0 to 5 VDC
0.01
µ 0.01 µ 0.01 µ 0.01 µ
0.01
µ
0.01
µ
47
µ
0.01
µ
47
µ
47
µ
GND
5 VDC
GND
5 VDC
GND
5 VDC
12 V
5 V
75
+
0.01
µ
3.3
µ
R IN
OSD B IN
OSD G IN
OSD R IN
OSD BLK IN
+
SONG IN
Ret BLK IN
SCL
SDA
Cut off Adj
+
+
1
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com