Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61323FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M61323FP
Description  Wide Frequency Band Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61323FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M61323FP Datasheet HTML 1Page - Renesas Technology Corp M61323FP Datasheet HTML 2Page - Renesas Technology Corp M61323FP Datasheet HTML 3Page - Renesas Technology Corp M61323FP Datasheet HTML 4Page - Renesas Technology Corp M61323FP Datasheet HTML 5Page - Renesas Technology Corp M61323FP Datasheet HTML 6Page - Renesas Technology Corp M61323FP Datasheet HTML 7Page - Renesas Technology Corp M61323FP Datasheet HTML 8Page - Renesas Technology Corp M61323FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
M61323SP/FP
REJ03F0201-0201 Rev.2.01 Mar 31, 2008
Page 4 of 19
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7.0
V
Power dissipation
Pd
1603 (SP), 1068 (FP)
mW
Operating temperature
Topr
−20 to +85 (SP), −20 to +75 (FP)
°C
Storage temperature
Tstg
−40 to +150
°C
Electrostatic discharge
Surge
±200
V
Recommended supply voltage
Vopr
5.0
V
Recommended supply voltage range
Vopr'
4.75 to 5.25
V
Electrical Characteristics
(M61323SP VCC = 5.0 V, Ta = 25°C)
31
28
25
23
23
70
mA
b
b
b
b
b
b
b
b
b
a
3 V
b
bb
b
b
b
b
b
b
b
b
bb
b
b
b
b
b
b
b
b
bb
b
b
b
b
b
b
b
b
a
SG2
a
SG2
bb
b
b
b
b
b
b
b
bb
b
b
b
b
abb
SG1
bab
SG1
bba
SG1
abb
SG2
bab
SG2
bba
SG2
abb
SG1
bab
SG1
bba
SG1
bb
b
b
b
b
b
bb
b
b
b
b
b
bb
b
b
b
b
b
b
b
bb
b
b
bb
b
b
bb
b
b
b
bb
b
abb
SG2
bab
SG2
bba
SG2
b
bb
b
b
b
b
mA
V
V
V
V
VP-P
VP-P
dB
dB
dB
dB
dB
dB
10
−0.1 0.7
1.3
−0.4
0
0.4
−0.4
0
0.4
−0.6
0
0.6

SW2
Rin1
SW4
Gin1
SW6
Bin1
SW7
Hin1
SW8
Vin1
SW10
Rin2
SW12
Gin2
SW14
Bin2
SW15
Hin2
SW16
Vin2
SW11
P.sav
Min.
Limits
Input
SW
Typ. Max. Unit
Test
Point
(s)
Circuit current1
Circuit current2
Output DC voltage1
Output DC voltage2
Output DC voltage3
Output DC voltage4
Maximum allowable
input level1
Maximum allowable
input level2
Voltage gain1
Voltage gain2
Voltage gain3
Voltage gain4
Relative voltage gain1
Relative voltage gain2
Item
SW13
Switch
SW22
Sync
bb
b
bb
1.5

b
b
b
b
b
b
b
a
3 V
a
3 V
a
3 V
a
3 V
a
3 V
a
3 V
ICC
ICCSTBY
Vdc2
Vdc3
Vdc4
GV1
∆G
V1
GV2
GV3
GV4
∆G
V2
Vimax1
Vimax2
Symbol
Vdc1
1.5

31
28
25
b
b
b
b
b
0.9

a
3 V
a
3 V
a
3 V
0.9

23
1.8
31
28
25
b
31
28
25
1.8
b
31
28
25
b
a
3 V
−0.1 0.7
1.3
31
28
25
bb
a
3 V
a
3 V
b
a
3 V
−0.6
0
0.6
23
b
a
3 V
a
3 V
Relative to measured values above
Relative to measured values above
RGB SW
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com