Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61323FP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M61323FP
Description  Wide Frequency Band Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61323FP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M61323FP Datasheet HTML 12Page - Renesas Technology Corp M61323FP Datasheet HTML 13Page - Renesas Technology Corp M61323FP Datasheet HTML 14Page - Renesas Technology Corp M61323FP Datasheet HTML 15Page - Renesas Technology Corp M61323FP Datasheet HTML 16Page - Renesas Technology Corp M61323FP Datasheet HTML 17Page - Renesas Technology Corp M61323FP Datasheet HTML 18Page - Renesas Technology Corp M61323FP Datasheet HTML 19Page - Renesas Technology Corp M61323FP Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
M61323SP/FP
REJ03F0201-0201 Rev.2.01 Mar 31, 2008
Page 17 of 19
Note How to Use This IC (M61323SP)
1. R, G, B input signal is 0.7 VP-P of standard video signal.
2. H, V input is 5.0 V TTL type.
3. Input signal with sufficient low impedance to input terminal.
4. The terminal of R, G, B output pin are shown as figure 1.
When resistance is connected between the pin 31 (28, 25) and GND, ICC will be increase.
5. Switch (pin 13) can be changed by supplying some voltage as figure 2.
0 to 0.5 V: INPUT1
2.5 to 5 V: INPUT2
Do not apply VCC or more DC voltage.
6. Power save mode is provided for saving ICC less than about 10 mA as figure 3.
0 to 0.5 V: Power save mode (H.V-SW, Sync-Sep., G-Buffer)
2.5 to 5 V: Normal mode
Do not apply 5 V or more DC voltage
7. When not use the Sync-separation circuit built in this IC, capacitance of several tens of pF is required between the
pin 22 and GND.
R
I
< 5 mA
5 V
50
Ω
600
Ω
Figure 1
13
Figure 2
11
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com