Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M61323FP Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M61323FP
Description  Wide Frequency Band Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61323FP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M61323FP Datasheet HTML 12Page - Renesas Technology Corp M61323FP Datasheet HTML 13Page - Renesas Technology Corp M61323FP Datasheet HTML 14Page - Renesas Technology Corp M61323FP Datasheet HTML 15Page - Renesas Technology Corp M61323FP Datasheet HTML 16Page - Renesas Technology Corp M61323FP Datasheet HTML 17Page - Renesas Technology Corp M61323FP Datasheet HTML 18Page - Renesas Technology Corp M61323FP Datasheet HTML 19Page - Renesas Technology Corp M61323FP Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
M61323SP/FP
REJ03F0201-0201 Rev.2.01 Mar 31, 2008
Page 16 of 19
Pin Description (M61323SP) (cont.)
pin No.
Name
DC Voltage (V)
Peripheral Circuit
Function
21
Sync sep OUT
15 k
15 k
15 k
100
22
Sync sep IN
10 k
10 k
2 k
Vth
CLAMPref
Connect a capacitance
between the pin and GND
when not use SYNC-SEP
23
G Buffer OUT
5 k
5 k
2 k
25
28
31
Video OUT (B)
Video OUT (G)
Video OUT (R)
1.5
50
32, 29, 26 pin
31, 28, 25 pin
30, 27, 24 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com