Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9109N Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9109N
Description  LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109N Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9109N Datasheet HTML 1Page - STMicroelectronics TDA9109N Datasheet HTML 2Page - STMicroelectronics TDA9109N Datasheet HTML 3Page - STMicroelectronics TDA9109N Datasheet HTML 4Page - STMicroelectronics TDA9109N Datasheet HTML 5Page - STMicroelectronics TDA9109N Datasheet HTML 6Page - STMicroelectronics TDA9109N Datasheet HTML 7Page - STMicroelectronics TDA9109N Datasheet HTML 8Page - STMicroelectronics TDA9109N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TDA9109/N
LOW-COST DEFLECTION PROCESSOR
FOR MULTISYNC MONITORS
June 1998
SHRINK32
(Plastic Package)
ORDER CODE : TDA9109/N
HORIZONTAL
.
SELF-ADAPTATIVE
.
DUAL PLL CONCEPT
.
150kHz MAXIMUM FREQUENCY
.
X-RAY PROTECTION INPUT
.
I
2C CONTROLS : H-POSITION, FREQUENCY
GENERATOR FOR BURN-IN MODE
VERTICAL
.
VERTICAL RAMP GENERATOR
.
50 TO 165Hz AGC LOOP
.
GEOMETRY TRACKING WITH VPOS & VAMP
.
I
2C CONTROLS :
VAMP, VPOS, S-CORR, C-CORR
.
DC BREATHING COMPENSATION
I
2C GEOMETRY CORRECTIONS
.
VERTICAL PARABOLA GENERATOR
(Pincushion, Keystone)
.
HORIZONTAL DYNAMIC PHASE
(Side Pin Balance & Parallelogram)
.
HORIZONTAL AND VERTICAL DYNAMIC FO-
CUS (Horizontal Focus Amplitude, Horizontal
Focus Symmetry, Vertical Focus Amplitude)
GENERAL
.
SYNC PROCESSOR
.
12V SUPPLY VOLTAGE
.
8V REFERENCE VOLTAGE
.
HOR. & VERT. LOCK/UNLOCK OUTPUTS
.
READ/WRITE I
2C INTERFACE
.
VERTICAL MOIRE
.
B+ REGULATOR
- INTERNAL PWM GENERATOR FOR B+
CURRENT MODE STEP-UP CONVERTER
- S WI TCHABL E TO STEP-DOWN CON-
VERTER
-I
2C ADJUSTABLEB+ REFERENCE VOLTAGE
- OUTPUT PULSES SYNCHRONIZED ON
HORIZONTAL FREQUENCY
- INTERNAL MAX. CURRENT LIMITATION
.
COMPARED
WITH
THE
TDA9109,
THE TDA9109/N HAS :
-NO I
2C FREE RUNNING FREQUENCY AD-
JUSTMENT
- FIXED HORIZONTAL DUTY CYCLE (48%)
- INCREASED MAX. STORAGE TIME OF THE
HORIZONTAL SCANNING TRANSISTOR
DESCRIPTION
The TDA9109/N is a monolithic integrated circuit
assembledin 32-pin shrink dual in line plastic pack-
age. This IC controls all the functions related to the
horizontal and vertical deflection in multimode or
multi-frequency computer display monitors.
The internal sync processor, combined with the
very powerful geometry correction block make the
TDA9109/N suitable for very high performance
monitors, using very few external components.
The horizontaljitter level is very low. It is particularly
well suited for high-end 15” and 17” monitors.
Combined with the ST7275 Microcontroller family,
TDA9206 (Video preamplifier) and STV942x (On-
Screen Display controller) the TDA9109/N allows
fully I
2C bus controlled computer display monitors
to be built with a reduced number of external
componen ts.
1/32


Similar Part No. - TDA9109N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9109 STMICROELECTRONICS-TDA9109 Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109 STMICROELECTRONICS-TDA9109 Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109A STMICROELECTRONICS-TDA9109A Datasheet
509Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
More results

Similar Description - TDA9109N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1996
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jul-1997
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109SN STMICROELECTRONICS-TDA9109SN Datasheet
266Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Dec-1997
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com