Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1897R Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDE1897R
Description  0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1897R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDE1897R Datasheet HTML 3Page - STMicroelectronics TDE1897R Datasheet HTML 4Page - STMicroelectronics TDE1897R Datasheet HTML 5Page - STMicroelectronics TDE1897R Datasheet HTML 6Page - STMicroelectronics TDE1897R Datasheet HTML 7Page - STMicroelectronics TDE1897R Datasheet HTML 8Page - STMicroelectronics TDE1897R Datasheet HTML 9Page - STMicroelectronics TDE1897R Datasheet HTML 10Page - STMicroelectronics TDE1897R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
(625mA instead of 500mA).
- All electrical parameters of the device, con-
cerning the calculation, are at maximum val-
ues.
- Thermal shutdown threshold is at minimum
value.
- No heat sink nor air circulation (Rth equal to
Rthj-amb).
Therefore:
Vs = 30V, RDSON0 = 0.6
Ω,Iq = 6mA, Ios = 4mA @
Vos = 2.5V,
ΘLim = 135°C
Rthj-amb = 100
°C/W (Minidip); 90°C/W (SO20);
70
°C/W (SIP9)
It follows:
Ioutx = 0.625mA, RDSONx = 1.006
Ω,Pq = 180mW,
Pos = 110mW
From equation 4, we can find:
Tambx = 66.7
°C (Minidip);
73.5
°C (SO20);
87.2
°C (SIP9).
Therefore, the IPS TDE1897/1898, although
guaranteed to operate up to 85
°C ambient tem-
perature, if used in the worst conditions, can meet
some limitations.
SIP9 package, which has the lowest Rthj-amb, can
work at maximum operative current over the en-
tire ambient temperature range in the worst condi-
tions too. For other packages, it is necessary to
consider some reductions.
With the aid of equation 3, we can draw a derat-
ing curve giving the maximum current allowable
versus ambient temperature. The diagrams, com-
puted using parameter values above given, are
depicted in figg. 6 to 8.
If an increase of the operating area is needed,
heat dissipation must be improved (Rth reduced)
e.g. by means of air cooling.
+
-
+IN
-IN
D1
D2
CONTROL
LOGIC
Ios
LOAD
OUTPUT
OUTPUT STATUS
GND
µP POLLING
+Vs
DC BUS 24V +/-25%
D93IN014
Figure 5: Application Circuit.
TDE1897R - TDE1898R
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com