Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1897R Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDE1897R
Description  0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1897R Datasheet(HTML) 3 Page - STMicroelectronics

  TDE1897R Datasheet HTML 1Page - STMicroelectronics TDE1897R Datasheet HTML 2Page - STMicroelectronics TDE1897R Datasheet HTML 3Page - STMicroelectronics TDE1897R Datasheet HTML 4Page - STMicroelectronics TDE1897R Datasheet HTML 5Page - STMicroelectronics TDE1897R Datasheet HTML 6Page - STMicroelectronics TDE1897R Datasheet HTML 7Page - STMicroelectronics TDE1897R Datasheet HTML 8Page - STMicroelectronics TDE1897R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS (VS = 24V; Tamb = –25 to +85
°C, unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vsmin 3
Supply Voltage for Valid
Diagnostics
Idiag > 0.5mA @ Vdg1 = 1.5V
9
35
V
Vs 3
Supply Voltage (operative)
18
24
35
V
Iq 3
Quiescent Current
Iout =Ios =0
Vil
Vih
2.5
4.5
4
7.5
mA
mA
Vsth1
Undervoltage Threshold 1
(See fig. 1); Tamb = 0 to +85
°C11
V
Vsth2 3
Undervoltage Threshold 2
(See fig. 1); Tamb = 0 to +85
°C
15.5
V
Vshys
Supply Voltage Hysteresis
(See fig. 1); Tamb = 0 to +85
°C
0.4
1
3
V
Isc
Short Circuit Current
VS = 18 to 35V; RL =1
Ω
0.75
1.5
A
Vdon 3-2
Output Voltage Drop
@ Iout = 625mA; Tj =25
°C
@Iout = 625mA; Tj = 125
°C
250
400
425
600
mV
mV
Ioslk 2
Output Leakage Current
@ Vi =Vil ,Vo = 0V
300
µA
Vol 2
Low State Out Voltage
@ Vi =Vil;RL =
∞
0.8
1.5
V
Vcl 3-2
Internal Voltage Clamp (VS -VO)@ IO = -500mA
45
55
V
Iold 2
Open Load Detection Current
Vi =Vih;Tamb = 0 to +85
°C
0.5
9.5
mA
Vid 7-8
Common Mode Input Voltage
Range (Operative)
VS = 18 to 35V,
VS -Vid 7-8 < 37V
–7
15
V
Iib 7-8
Input Bias Current
Vi = –7 to 15V; –In = 0V
–700
700
µA
Vith 7-8
Input Threshold Voltage
V+In > V–In
0.8
1.4
2
V
Viths 7-8
Input Threshold Hysteresis
Voltage
V+In > V–In
50
400
mV
Rid 7-8
Diff. Input Resistance
@ 0 < +In < +16V; –In = 0V
@ –7 < +In < 0V; –In = 0V
400
150
K
Ω
K
Ω
Iilk 7-8
Input Offset Current
V+In = V–In
+Ii
0V < Vi <5.5V
–Ii
–20
–75
–25
+20
µA
µA
–In = GND
+Ii
0V < V+In <5.5V
–Ii
–250
+10
–125
+50
µA
µA
+In = GND
+Ii
0V < V–In <5.5V
–Ii
–100
–50
–30
–15
µA
µA
Voth1 2
Output Status Threshold 1
Voltage
(See fig. 1)
12
V
Voth2 2
Output Status Threshold 2
Voltage
(See fig. 1)
9
V
Vohys 2
Output Status Threshold
Hysteresis
(See fig. 1)
0.3
0.7
2
V
Iosd 4
Output Status Source Current
Vout >Voth1,Vos = 2.5V
2
4
mA
Vosd 3-4
Active Output Status Driver
Drop Voltage
Vs –Vos @Ios = 2mA;
Tamb = -25 to 85
°C
5V
Ioslk 4
Output Status Driver Leakage
Current
Vout <Voth2 ,Vos =0V
VS = 18 to 35V
25
µA
Vdgl 5/6
Diagnostic Drop Voltage
D1 / D2 = L @ Idiag = 0.5mA
D1 / D2 = L @ Idiag = 3mA
250
1.5
mV
V
Idglk 5/6
Diagnostic Leakage Current
D1 / D2 =H @ 0 < Vdg <Vs
VS = 15.6 to 35V
25
µA
Vfdg 5/6-3
Clamping Diodes at the
Diagnostic Outputs.
Voltage Drop to VS
@Idiag = 5mA; D1 / D2 = H
2
V
Note Vil < 0.8V, Vih > 2V @ (V+In > V–In);
Minidip pin reference.
All test not dissipative.
TDE1897R - TDE1898R
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com