Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1897R Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDE1897R
Description  0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1897R Datasheet(HTML) 1 Page - STMicroelectronics

  TDE1897R Datasheet HTML 1Page - STMicroelectronics TDE1897R Datasheet HTML 2Page - STMicroelectronics TDE1897R Datasheet HTML 3Page - STMicroelectronics TDE1897R Datasheet HTML 4Page - STMicroelectronics TDE1897R Datasheet HTML 5Page - STMicroelectronics TDE1897R Datasheet HTML 6Page - STMicroelectronics TDE1897R Datasheet HTML 7Page - STMicroelectronics TDE1897R Datasheet HTML 8Page - STMicroelectronics TDE1897R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TDE1897R
TDE1898R
0.5A HIGH-SIDE DRIVER
INDUSTRIAL INTELLIGENT POWER SWITCH
PRELIMINARY DATA
0.5A OUTPUT CURRENT
18V TO 35V SUPPLY VOLTAGE RANGE
INTERNAL CURRENT LIMITING
THERMAL SHUTDOWN
OPEN GROUND PROTECTION
INTERNAL NEGATIVE VOLTAGE CLAMPING
TO VS - 45V FOR FAST DEMAGNETIZATION
DIFFERENTIAL INPUTS WITH LARGE COM-
MON MODE RANGE AND THRESHOLD
HYSTERESIS
UNDERVOLTAGE LOCKOUT WITH HYSTERESIS
OPEN LOAD DETECTION
TWO DIAGNOSTIC OUTPUTS
OUTPUT STATUS LED DRIVER
DESCRIPTION
The TDE1897R/TDE1898R is a monolithic Intelli-
gent Power Switch in Multipower BCD Technol-
ogy, for driving inductive or resistive loads. An in-
ternal Clamping Diode enables the fast demag-
netization of inductive loads.
Diagnostic for CPU feedback and extensive use
of electrical protections make this device inher-
ently indistructible and suitable for general pur-
pose industrial applications.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
October 1995
Minidip
SIP9
SO20
ORDERING NUMBERS:
TDE1897RDP
TDE1898RSP
TDE1897RFP
TDE1898RDP
TDE1898RFP
BLOCK DIAGRAM
MULTIPOWER BCD TECHNOLOGY
1/12


Similar Part No. - TDE1897R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
More results

Similar Description - TDE1897R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6375 STMICROELECTRONICS-L6375 Datasheet
84Kb / 12P
0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
Feb-2000
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
Nov-1996
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
Feb-1996
TDE1890 STMICROELECTRONICS-TDE1890 Datasheet
111Kb / 12P
2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Jul-1998
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
L6370 STMICROELECTRONICS-L6370_07 Datasheet
237Kb / 19P
2.5A high-side driver industrial intelligent power switch
19-Jun-2007
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
0.5A high-side driver industrial intelligent power switch
24-Jul-2007
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
0.5A high-side driver industrial intelligent power switch
15-Oct-2007
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com