Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5040S Datasheet(PDF) 8 Page - STMicroelectronics

Part # TEA5040S
Description  WIDE BAND VIDEO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5040S Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TEA5040S Datasheet HTML 4Page - STMicroelectronics TEA5040S Datasheet HTML 5Page - STMicroelectronics TEA5040S Datasheet HTML 6Page - STMicroelectronics TEA5040S Datasheet HTML 7Page - STMicroelectronics TEA5040S Datasheet HTML 8Page - STMicroelectronics TEA5040S Datasheet HTML 9Page - STMicroelectronics TEA5040S Datasheet HTML 10Page - STMicroelectronics TEA5040S Datasheet HTML 11Page - STMicroelectronics TEA5040S Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ELECTRICAL OPERATING CHARACTERISTICS (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
TV MODE INPUTS
Luminance Input Pin 12
Y
Signal Amplitude (100% white)
1
1.5
Vpp
V12
DC Level (on black level)
4
V
I12
Input Current
10
µA
R-Y Input Pin 11
R-Y
Signal Amplitude (75% saturation)
1.05
1.47
Vpp
V11
DC Level (on black level)
4.7
V
I11
Input Current
2
µA
B-Y Input Pin 10
B-Y
Signal Amplitude (75% saturation)
1.33
1.86
Vpp
V10
DC Level (on black level)
4.7
V
I10
Input Current
2
µA
RGB INPUTS PINS 2-3-4-5-6-7
Signal Amplitude (100% saturation without synchro pulse)
0.7
1
Vpp
DC Level (on black level)
3.2
V
Input Current
3
µA
FAST BLANKING INPUTS PINS 8-9
TV/RGB Mode Threshold
0.5
0.9
V
Switching Time
70
ns
Switching Time Delay
70
ns
CLAMP MEMORY OUTPUT PINS 17-18-19
Voltage Range
8
10
11
V
Input Current
2
µA
REFERENCE PARAMETER
VREF
Reference Voltage Pin 16
4
V
SANDCASTLE INPUT PIN 32
Blanking Threshold
1
1.4
1.8
V
Burst Gate Threshold
6.4
6.9
7.6
V
Line Retrace Threshold
3.1
3.4
3.8
V
Input Current Pin 32 Grounded
100
µA
DRIVE AND CUT-OFF MEMORY OUTPUT PINS 23-24-26-27-29-30
Drive Leakage Current Pins 23-26-29
1
µA
Cut-off Leakage Current Pins 24-27-30
1
µA
Minimum Active Level Pins 24-27-30
4
V
LEAKAGE CURRENT MEMORY OUTPUT PIN 35
Voltage Range
3
V
Input Current (during picture pin 35 = 5V)
0.5
µA
Charging Output Impedance
500
Ω
Minimum Voltage (pin 34 grounded)
3
V
CATHODE CURRENTS INPUT PIN 34
Output Current during the Line Trace (pin 34 grounded)
10
µA
Voltage during Lines 17, 18, 19
0.26
0.35
0.50
V
Voltage Difference during Lines 21, 22, 23 and during Line 20
0.4
V
TEA5040S
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com