Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5040S Datasheet(PDF) 9 Page - STMicroelectronics

Part # TEA5040S
Description  WIDE BAND VIDEO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5040S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TEA5040S Datasheet HTML 4Page - STMicroelectronics TEA5040S Datasheet HTML 5Page - STMicroelectronics TEA5040S Datasheet HTML 6Page - STMicroelectronics TEA5040S Datasheet HTML 7Page - STMicroelectronics TEA5040S Datasheet HTML 8Page - STMicroelectronics TEA5040S Datasheet HTML 9Page - STMicroelectronics TEA5040S Datasheet HTML 10Page - STMicroelectronics TEA5040S Datasheet HTML 11Page - STMicroelectronics TEA5040S Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ELECTRICAL OPERATING CHARACTERISTICS (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
CATHODE CURRENTS INPUT PIN 34 (continued)
Voltage Amplitude on Cathode Currents Input for Drive Decrease
V34
Threshold 10% on Drive/cut-off
1V on Pin 38
2V on Pin 38
0.7
1.4
V
V
Voltage Amplitude on Cathode Currents Input for Brightness
V34
Decrease Threshold
1V on Pin 38
2V on Pin 38
1
2
V
V
IMPEDANCE SWITCH PIN 33)
Saturation Impedance [for 5mA] (open during lines 20, 21, 22, 23)
250
Ω
REFERENCE VOLTAGE INPUT FOR THE AVERAGE BEAM CURRENT LIMITER PIN 38
V38
Reference Voltage
0
5
V
I38
Input Current (V38 = 1V)
– 20
V
AVERAGE BEAM CURRENT FILTER PIN 36 VOLTAGE RANGE
0< V34 < 7V
6
V
RGB OUTPUTS R (PIN 25), G (PIN 28), B (PIN 31)
Inserted Levels
Low Clipping Level Referred to quasi Cut-off Inserted Level (100% = B/W
output signal at maximum contrast with 0.5V (B/W) input Y signal)
45
%
High Clipping Level Referred to quasi Cut-off Inserted Level (100% = B/W
output signal at maximum contrast with 0.5V (B/W) input Y signal)
115
%
Drive Inserted Level Referred to quasi Cut-off Inserted Level (without beam
limitation, V38 = 6V, V34 grounded)
35
%
Bandwidth (– 3dB) (TV mode and R, G, B mode)
10
MHz
Crosstalk for any of the 11 Inputs Pins 2-3-4-5-6-7-10-11-12-37-39 on any of
the 5 Outputs Pins 25-28-31-40-42 (range : DC to 1MHz)
–50
dB
Brightness
Nominal Brightness Referred to quasi Cut-off Inserted Level
(bit word ”10000” address = 0)
–25
%
Total Brightness Range (100 % = W/B output signal when 0.5V (W/B) on pin
12 and max. contrast)
78
%
Maximum Brightness (100% = W/B output signal when 0.5V (W/B) on pin 12
and max. contrast)
38
%
Minimum Brightness (100% = W/B output signal when 0.5V (W/B) on pin 12
and max. contrast)
–40
%
Differential Brightness between any two Channels
(TV mode, colour off, pins 10-11-12 AC grounded, 0.5 (W/B) signal on Pin
12, maximum contrast = 100% on RGB outputs)
2%
Variation of the Differential Brightness (in the whole saturation control range
(including colour off))
0.5
%
Contrast : Max. Contrast Attenuation
11
dB
Saturation
Max. Saturation
6dB
Max. Saturation Attenuation
20
dB
Colour off Attenuation
40
dB
TEA5040S
9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com