Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA5040S Datasheet(PDF) 10 Page - STMicroelectronics

Part # TEA5040S
Description  WIDE BAND VIDEO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5040S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TEA5040S Datasheet HTML 4Page - STMicroelectronics TEA5040S Datasheet HTML 5Page - STMicroelectronics TEA5040S Datasheet HTML 6Page - STMicroelectronics TEA5040S Datasheet HTML 7Page - STMicroelectronics TEA5040S Datasheet HTML 8Page - STMicroelectronics TEA5040S Datasheet HTML 9Page - STMicroelectronics TEA5040S Datasheet HTML 10Page - STMicroelectronics TEA5040S Datasheet HTML 11Page - STMicroelectronics TEA5040S Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ELECTRICAL OPERATING CHARACTERISTICS (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
RGB OUTPUTS R (PIN 25), G (PIN 28), B (PIN 31) (continued)
Output Signal Amplitude Pins 25-28-31 (blanking to high clipping)
q
Y input : 0.7V B/W
q
0dB Contrast, Bit Word = 010110, Address = 1
q
Maximum Brightness
q
Maximum Drive Efficiency (Pins 23-26-29 grounded)
q
No Average Beam Current Limitation (Pin 38 to 6V)
6.2
V
Black to White Output Voltage
Y Input : 0.5V (B/W)
Maximum Contrast (Pin 38 to 6V, Pins 23-26-29 grounded)
3.6
V
Drive Efficiency
Ratio :
VOUT
(Pins 23−26−29 grounded)
VOUT
(Pins 23−26−29 to VCC)
(no average beam current limitation Pin 38 to 6V)
3.6
Black Level Control (variable DC voltage from 4V to VCC on Pins 24-27-30)
4.3
V
BUS INPUTS PINS 13-14-15
VHL
High Level
3.5
V
VLL
Low Level
1V
TEA5040S
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com