Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA7532 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA7532
Description  MONITOR AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7532 Datasheet(HTML) 3 Page - STMicroelectronics

  TEA7532 Datasheet HTML 1Page - STMicroelectronics TEA7532 Datasheet HTML 2Page - STMicroelectronics TEA7532 Datasheet HTML 3Page - STMicroelectronics TEA7532 Datasheet HTML 4Page - STMicroelectronics TEA7532 Datasheet HTML 5Page - STMicroelectronics TEA7532 Datasheet HTML 6Page - STMicroelectronics TEA7532 Datasheet HTML 7Page - STMicroelectronics TEA7532 Datasheet HTML 8Page - STMicroelectronics TEA7532 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FUNCTIONAL DESCRIPTION
TEA7532 performs the following functions :
The circuit amplifies the incoming signal and feeds
it to the loudspeaker. PG0 and PG1 inputs are used
to set the loudspeaker gain in a range of 32dB to
14dB in 6dB steps.
The TEA7532 inputs (PG0, PG1, ON/OFF) permit
the loudspeaker to be cut-off thus ensuring privacy
of communication.
- The antilarsen (antiacoustic feedback) system is
incorporated.
- The maximum power available on a 50
Ω imped-
ance loudspeaker is 25mW at 3 volts and 100mW
at 5V.
Limit values for external components :
R3 min = 5 k
Ω (R3 adjust VLS), R7 max = 390 kΩ,
R6 min = R7/35
R max between pin 5 and 6 = 10k
Ω +C min = 10nF.
ELECTRICAL CHARACTERISTICS (Tamb =25
oC, ILS = 30mA unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VLS1
VLS Supply
ILS = 2mA (fig. 7)
ILS = 30mA (fig. 7)
2.6
3.0
3.15
3.4
3.4
V
V
VLSM
VLS Maximum
Ipin 1 =50
µA (fig. 7 ; So = closed)
5.5
V
VADJ
Voltage Pin 1
ILS = 2mA to 30mA (fig. 7)
1.1
1.25
1.4
V
G
Loudspeaker Amplifier Gain =
V10 − V12
V9
ON/OFF
PG0
PG1
G000
G001
G010
G011
G100
GND
GND
GND
GND
VLS
GND
GND
VLS
VLS
X
GND
VLS
GND
VLS
X
12
18
24
30
14
20
26
32
–30
16
22
28
34
–20
dB
dB
dB
dB
dB
THD
Distortion
f = 300Hz to 2kHz,
V10 –V12 = 0.8VRMS,
G = G011, (fig. 8)
2%
G2
[V(10) – V(12)]/V2
PG0 =PG1 =VLS,V8 = 0.8V (fig. 8)
30
32
34
dB
ZMICIN
Microphone Input
Symetrical at (pins 5-6)
Asymetrical at (pin 6) fig. 9
4.5
k
Ω
ZINPIN
Earphone Input
(fig. 9)
2.2
2.8
3.4
k
Ω
ZIN2
Antilarsen Adjustment Input
1
1.2
1.45
k
Ω
VOFFS
Ouput Offset
[V(10) –V(12)]
G011 ; (fig. 8)
– 50
50
mV
ION/OFF
IPG0
IPG1
Input Current ON State
VPG1 = 0V ; (fig. 8)
– 10
–10
–10
–5
–5
–5
µA
µA
µA
ION/OFF
IPG0
IPG1
Input Current OFF State
VPG1 =VLS ; (fig. 8)
1
1
1
µA
µA
µA
VIL ON/OFF
VIL PG0
VIL PG1
Input Voltage ON State
0.45
0.45
0.45
V
V
V
VIH ON/OFF
VIH PG0
VIH PG1
Input Voltage OFF State
1.5
1.5
1.5
V
V
V
GMIC
Microphone Gain = V(7)/[V(5) –V(6)]
VMIC = 10mVRMS, f = 2kHz (fig. 10)
22.5
23.5
24.5
dB
Vg
Voltage Pin 8
0.48
0.67
0.75
V
GATT
Loudspeaker Attenuated
Gain = [V(10) –V(12)]/V(9)
G011 ; V8 = 0.6V ; (fig. 10)
G011 ; V8 = 0.4V ; (fig. 10)
20
–30
30
–20
dB
dB
TEA7532
3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com