Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA7532 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA7532
Description  MONITOR AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7532 Datasheet(HTML) 4 Page - STMicroelectronics

  TEA7532 Datasheet HTML 1Page - STMicroelectronics TEA7532 Datasheet HTML 2Page - STMicroelectronics TEA7532 Datasheet HTML 3Page - STMicroelectronics TEA7532 Datasheet HTML 4Page - STMicroelectronics TEA7532 Datasheet HTML 5Page - STMicroelectronics TEA7532 Datasheet HTML 6Page - STMicroelectronics TEA7532 Datasheet HTML 7Page - STMicroelectronics TEA7532 Datasheet HTML 8Page - STMicroelectronics TEA7532 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Figure 1 : Loudspeaker Gain Versus Voltage on
Pin (3) - (8) with Pin 2 Open.
Figure 3 : AC Output Voltage Versus Amplifier
Gain.
Figure 4 : Power Available on Loudspeaker
Versus VLS Typical Curve.
Figure 2 :LoudspeakerGain Versus Voltage on
Pin (3) - (8) and Versus R2.(*)
Zin2 (1.2 K)
R2 =10 K ⇒ ATT = 20 dB
(*) ATTENUATION =
Zin2 (1.2 K) + R2 (E X T)
R2 =3 K ⇒ ATT ≈ 10 dB
Figure 5 : Distortion Versus Output Power.
Figure 6 : Output Power Versus Supply Current.
TEA7532
4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com