Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA7532 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA7532
Description  MONITOR AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7532 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TEA7532 Datasheet HTML 2Page - STMicroelectronics TEA7532 Datasheet HTML 3Page - STMicroelectronics TEA7532 Datasheet HTML 4Page - STMicroelectronics TEA7532 Datasheet HTML 5Page - STMicroelectronics TEA7532 Datasheet HTML 6Page - STMicroelectronics TEA7532 Datasheet HTML 7Page - STMicroelectronics TEA7532 Datasheet HTML 8Page - STMicroelectronics TEA7532 Datasheet HTML 9Page - STMicroelectronics TEA7532 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CIRCUIT DESCRIPTION
TEA7532 is a 16 pin DIL integrated circuit providing
the following facilities :
- Loudspeaker amplifier
- Antiacoustic feed-back system
(antilarsen system)
1.1. LOUDSPEAKER AMPLIFIER
Figure 11.
The amplifier is divided into 3 main sections.
- AutomaticGain Control (AGC)
- Preamplifier
- Push-pull amplifier (bridge structure)
a) The AGC section is used for the antilarsen and
antidistortion system.
• When used in a telephone set to avoid larsen ef-
fect the AGC automatically decreases loud-
speaker amplifier gain.
• When the required output level exceeds the
capabilities of the available current, the AGC
decreases the loudspeaker amplifier gain to
avoid distortion.
b) The preamplifier permits step control of amplifier
gain in steps of 6 dB, using pins PG0 and PG1,
which may be controlled using switches or by a mi-
croprocessor. The amplifier may be muted using the
ON/OFF control signal (pin 16).
c) The output amplifier uses a double push-pull con-
figuration(H bridge) to get maximum dynamic range
under limited supply conditions.
Figure 12.
TEA7532
6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com