Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM2-T Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # LSM2-T
Description  DOSA-SMT, 30A POL DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM2-T Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button LSM2-T Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 12Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LSM2-T/30-D12 Series
DOSA-SMT, 30A POL DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
PERFORMANCE DATA: OUTPUT VOLTAGE = 0.8 VOLTS
MDC_LSM2_T30_D12 Series.B11 Page 11 of 12
PERFORMANCE DATA: OUTPUT VOLTAGE = 0.8 VOLTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
Output Current (Amps)
42
47
52
57
62
67
72
77
82
87
VIN = 6 V
VIN = 12 V
VIN = 14 V
Efficiency vs. Line Voltage and Load Current @ +25°C (Vin = 12V)
LSM2-T/30-D12R Maximum Current Temperature Derating
(Vin= 12V, Transverse Airflow). Extra ground pads installed.
Output Ripple & Noise (Vin = 12 V, Iout = 30 A,
Cout = 10µF || 1µF, ’scope BW = 20 MHz)
Power-On Startup (Vin = 12 V, Iout = 30 A)
StepLoad Transient Response (Vin = 12 V, 0-15A-0)
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
16.00
17.00
18.00
19.00
20.00
21.00
22.00
23.00
24.00
25.00
26.00
27.00
28.00
29.00
30.00
31.00
Ambient Temperature (°C)
Natural Convection
100 LFM
200 LFM
300 LFM
400 LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com