Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM2-T Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LSM2-T
Description  DOSA-SMT, 30A POL DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM2-T Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LSM2-T Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LSM2-T/30-D12 Series
DOSA-SMT, 30A POL DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSM2_T30_D12 Series.B11 Page 2 of 12
PERFORMANCE SPECIFICATIONS AND ORDERING GUIDE
Model Family
Output
Input
Efficiency
Package
(Case/
Pinout)
VOUT
(Volts)
IOUT
(Amps)
Power
(Watts)
R/N (mVp-p)
Regulation (max.)
VIN Nom.
(Volts)
Range
(Volts)
IIN
(mA/A)
Typ.
Max.
Line
Load
Min.
Typ.
LSM2-T/30-D12-C
0.8-5
30
125
15
25
±0.2%
±0.4%
12
6-14
210/11.1
92.5%
94%
C71, P72
LSM2-T/30-D12R-C
0.8-5
30
125
15
25
±0.2%
±0.4%
12
6-14
210/11.1
92.5%
94%
C71, P72
PART NUMBER STRUCTURE
 Typical @ Ta=+25°C. under nominal line voltage and full-load conditions unless noted. Nominal
output is +5 Volts.
 Ripple/Noise (R/N) is tested/specified over a 5 Hz to 20 MHz bandwidth and may be reduced by
adding external filtering. R/N is shown at Vout <= 2.5 Volts.
 These devices have no minimum load requirements and will regulate under no-load conditions.
Regulation specifications describe the output voltage deviation as the line voltage or load is varied
from its nominal/midpoint value to either extreme.
 Nominal line voltage, no-load/full-load conditions.
 LSM2-T/30-D12 efficiencies are shown at Vout = 5 Volts.
 Iout max. is 30 Amps with Vin = 0.8 to 3.6 Volts. With Vin >3.6 Volts, Iout max. is 25 Amps.
➆
If Vout >3.63V, input range is 7-14V.
Maximum Rated Output
Current in Amps
Non-Isolated SMT
Output Configuration:
L = Unipolar
Low Voltage
Nominal Output Voltage:
0.8-5.0 Volts
L SM2 - /
D12
-
T 30
R
Input Voltage Range:
D12 = 6-14 Volts (12V nominal)
See note 7 above.
Additional Grounds:
Blank = Omitted
R = Installed
C
RoHS-6 compliant
-
MECHANICAL SPECIFICATIONS
Case C71
INPUT/OUTPUT CONNECTIONS P72
Pad
Function
1
On/Off Control
2
+Input
3
Sequence/Track In
4
Common
5
+Output
6
Trim
7
Sense In
8
Not used
*
Additional Ground (optional)
Dimensions are in inches (mm)
4
3
2
*
*
1
5
6
7
8
0.36
(9.14)
0.062
(1.57)
1.30
(33.02)
0.53
(13.46)
0.48
(12.19)
1.177
(29.90)
0.430
(10.92)
0.048
(1.22)
0.075 (1.91)
0.120 (30.5)
BOTTOM VIEW
0.027 (0.68)
0.120
(3.05)
0.155
(3.94)
0.114
(2.9)
0.950 (24.13)
5 EQ. SP. @
0.190 (4.83)
Component locations
are typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com