Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM2-T Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LSM2-T
Description  DOSA-SMT, 30A POL DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM2-T Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LSM2-T Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM2-T Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LSM2-T/30-D12 Series
DOSA-SMT, 30A POL DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSM2_T30_D12 Series.B11 Page 3 of 12
RECOMMENDED PAD LAYOUT
GND (-H)
TRIM
SENSE
Vout
GND
SEQ
ON/OFF
Vin
0.405 (10.29)
0.120 (3.05)
0.089 (2.26)
0.000 (0.00)
0.025 (0.64)
GND (-H)
Optional Additional Ground
Pad Size: 0.095 x 0.082 (2.41 x 2.08)
Not Used
Optional Additional Ground
Pad Size: 0.095 x 0.082 (2.41 x 2.08)
Pad Size: Min. 0.140 x 0.095 (3.56 x 2.08)
Dimensions are in inches (mm)
Additional Ground/Thermal Pads (“R” models)
The LSM2-T/30-D12 is optionally available with two additional ground
pads for increased current handling and better heat transfer. These are
indicated with the “R” designator in the model number, LSM2-T/30-D12
R-C.
MPS recommends that users lay out their PC boards to accept these two
pads for larger current applications. Please note that the Derating curves for
the “R” models accept higher temperature and greater current limits than
units without the additional pads.
To realize the additional current and thermal capacity of “R” models, you
must have a substantial area of several square inches of copper etch flow-
soldered to these pads and sufficient feed-throughs or other means of con-
ducting current. The “R” pads and the standard pads 1 and 2 are in parallel.
If your application uses a standard DOSA pad layout and you cannot con-
nect to these ground pads, order model LSM2-T/30-D12-C without the “R”
designator. Please observe the lower Derating curves for standard, “non-R”
models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com