Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2301CDEXPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2301CDEXPBF
Description  1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2301CDEXPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2301CDEXPBF Datasheet HTML 3Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 4Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 5Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 6Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 7Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 8Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 9Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 10Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2301/LTC2305
7
23015f
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity
vs Output Code
Differential Nonlinearity
vs Output Code
1kHz Sine Wave
8192 Point FFT Plot
Supply Current
vs Sampling Frequency
Offset Error vs Temperature
Full-Scale Error vs Temperature
Supply Current vs Temperature
Sleep Current vs Temperature
Analog Input Leakage Current
vs Temperature
(LTC2301) TA = 25°C, VDD = 5V, fSMPL = 14ksps, unless otherwise noted.
OUTPUT CODE
0
1.00
0.75
0.25
–0.25
–0.75
0.50
0.00
–0.50
–1.00
2048
1024
3072
23015 G01
4096
OUTPUT CODE
0
1.00
0.75
0.25
–0.25
–0.75
0.50
0.00
–0.50
–1.00
2048
1024
3072
23015 G02
4096
FREQUENCY (kHz)
0
0
–70
–60
–50
–40
–30
–20
–10
–90
–110
–130
–80
–100
–120
–140
5
1234
6
23015 G03
7
SNR = 73.2 dB
SINAD = 73.1 dB
THD = –80dB
SAMPLING FREQUENCY (ksps)
23015 G04
2.5
1.0
1.5
2.0
0.5
0
0.1
10
100
1
TEMPERATURE (°C)
–50
1.5
1.0
0.0
0.5
–0.5
–1.0
50
0
100
23015 G05
125
25
–25
75
BIPOLAR
UNIPOLAR
TEMPERATURE (°C)
–50
4
2
–2
0
–4
–6
50
0
100
23015 G06
125
25
–25
75
BIPOLAR
UNIPOLAR
TEMPERATURE (°C)
–50
2.4
2.2
1.6
1.8
1.4
50
0
100
23015 G07
125
25
–25
75
TEMPERATURE (°C)
–50
10
8
2
4
6
0
50
0
100
23015 G08
125
25
–25
75
TEMPERATURE (°C)
–50
1000
800
900
700
200
100
400
300
600
500
0
50
0
100
23015 G09
125
25
–25
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com