Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2301CDEXPBF Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2301CDEXPBF
Description  1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2301CDEXPBF Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2301CDEXPBF Datasheet HTML 11Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 12Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 13Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 14Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 15Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 16Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 17Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 18Page - Linear Technology LTC2301CDEXPBF Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC2301/LTC2305
15
23015f
APPLICATIONS INFORMATION
frequency. Figure 4 shows a typical SINAD of 73.2dB with
a 14kHz sampling rate and a 1kHz input. A SNR of 73.3dB
can be achieved with the LTC2301/LTC2305.
Figure 4. 1kHz Sine Wave 8192 Point FFT Plot
Total Harmonic Distortion (THD)
Total Harmonic Distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
bandbetweenDCandhalfthesamplingfrequency(fSMPL/2).
THD is expressed as:
THD = 20log
V2
2
+ V3
2
+ V4
2...+ V
N
2
V1
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN aretheamplitudesofthesecond
through Nth harmonics.
Internal Reference
The LTC2301/LTC2305 have an on-chip, temperature
compensated bandgap reference that is factory trimmed
to 2.5V (Refer to Figure 5a). It is internally connected
to a reference amplifier and is available at VREF (Pin 7).
VREF should be bypassed to GND with a 2.2μF tantalum
capacitor to minimize noise. An 8k resistor is in series
with the output so that it can be easily overdriven by an
external reference if more accuracy and/or lower drift are
required as shown in Figure 5b. The reference amplifier
gains the VREF voltage by 1.638 to 4.096V at REFCOMP.
To compensate the reference amplifier, bypass REFCOMP
with a 10μF ceramic or tantalum capacitor in parallel with
a 0.1μF ceramic capacitor for best noise performance. The
internal reference buffer can also be overdriven from 1V
to VDD with an external reference at REFCOMP as shown
in Figure 5c. To do so, VREF must be grounded to disable
the reference buffer. This will result in an input range of
0V to VREFCOMP in unipolar mode and ±0.5 • VREFCOMP in
bipolar mode.
R2
R3
REFERENCE
AMP
0.1μF
10μF
2.2μF
REFCOMP
GND
VREF
R1
8k
2.5V
4.096V
LTC2301
LTC2305
23015 F05a
BANDGAP
REFERENCE
+
Figure 5a. LTC2301/LTC2305 Reference Circuit
Figure 5b. Using the LT1790A-2.5 as an External Reference
Figure 5c. Overdriving REFCOMP Using the LT1790A-4.096
0.1μF
10μF
23015 F05b
LT1790A-2.5
VOUT
VIN
5V
VREF
LTC2301
LTC2305
GND
REFCOMP
+
2.2μF
0.1μF
0.1μF
10μF
23015 F05c
LT1790A-4.096
VOUT
VIN
5V
VREF
LTC2301
LTC2305
GND
REFCOMP
+
0.1μF
FREQUENCY (kHz)
0
0
–70
–60
–50
–40
–30
–20
–10
–90
–110
–130
–80
–100
–120
–140
5
1234
6
23015 F04
7
SNR = 73.2dB
SINAD = 73.1dB
THD = –80dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com