Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33937 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
33937
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSIS FEATURES
PROTECTION AND DIAGNOSIS FEATURES
Table 18. 33937 Fault Protection
No.
Fault
Cause
Detection
33937 Protective Action
1
Phase Output
Shorted to VSUP
(High Side FET
Shorted)
Wire harness shorted to
battery
Drain-to-Source short on the
High Side FET
• Directly sensed by ADC as voltage
across RSENSE
• Over-current Comparator output
OC_OUT monitoring (Over-current
Error)
• Low Side Phase Error
• Direct PHASEx output monitoring
• All external FETs turned off
• Fault bit set in Status Register
• INT pin set high
• OC_OUT pin set high
2
Phase Output
Shorted to
Ground (RSENSE
Bypassed)
Wire harness shorted to
battery
• Desaturation Error
• High Side Phase Error
• Direct PHASEx output monitoring
• All external FETs turned off
• Fault bit set in Status Register
• INT pin set high
3
Low Side FET
Shorted
Drain-to-Source short on the
Low Side FET
• Directly sensed by the ADC as
voltage across RSENSE
• Over-current Comparator output
OC_OUT high (Over-current error)
• Desaturation Error
• High Side Phase Error
• Direct PHASEx output monitoring
• All external FETs turned off
• Fault bit set in Status Register
• INT pin set high
• OC_OUT pin set high
4
High Side FET
Opened
Module board assembly
issue
• Desaturation Error
• High Side Phase Error
• All external FETs turned off
• Fault bit set in Status Register
• INT pin set high
5
Low Side FET
Opened
Module board assembly
issue
• Directly sensed by ADC as voltage
across RSENSE
• Low Side Phase Error
• All external FETs turned off
• Fault bit set in Status Register
• INT pin set high
6
Phase Output
Opened (No
Load)
Wire harness open
• Directly sensed by ADC as voltage
across RSENSE
NOTE: Other protective actions should be taken at the system level by the controlling microcontroller or DSP. It is possible to disable all
automatic shutdowns except for VLS undervoltage. Even when masked, faults will be registered by the status registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com