Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33937 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33937 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Document Number: 33937
Rev. 5.0, 4/2009
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2008-2009. All rights reserved.
Three Phase Field Effect
Transistor Pre-driver
The 33937 and 33937A are Field Effect Transistor (FET) pre-
drivers designed for three phase motor control and similar
applications. The 33937A has been specifically enhanced to
improve performance when driving very high current loads. The
integrated circuit (IC) uses SMARTMOS
™ technology.
The IC contains three High Side FET pre-drivers and three Low
Side FET pre-drivers.Three external bootstrap capacitors provide
gate charge to the High Side FETs.
The IC interfaces to a MCU via six direct input control signals,
an SPI port for device setup and asynchronous reset, enable and
interrupt signals. Both 5.0 and 3.0 V logic level inputs are
accepted and 5.0 V logic level outputs are provided.
Features
• Fully specified from 8.0 to 40 V covers 12 and 24 V automotive
systems
• Extended operating range from 6.0 to 58 V covers 12 and 42 V
systems
• Greater than 1.0 A gate drive capability with protection
• Protection against reverse charge injection from CGD and CGS
of external FETs
• Includes a charge pump to support full FET drive at low battery
voltages
• Deadtime is programmable via the SPI port
• Simultaneous output capability enabled via safe SPI command
• Pb-free packaging designated by suffix code EK
Figure 1. 33937 Simplified Application Diagram
THREE-PHASE PRE-DRIVER
33937
EK SUFFIX (Pb-FREE)
98ASA99334D
54-PIN SOICW-EP
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MCZ33937EK/R2
-40
°C to 135°C
54 SOICW-EP
PCZ33937AEK/R2
VPUMP
PUMP
VSUP
VPWR
VLS
VDD
PX_HS
PX_LS
PHASEX
CS
SI
SCLK
SO
RST
INT
PA_HS_G
PB_HS_G
PC_HS_G
PA_HS_S
PB_HS_S
PC_HS_S
PA_LS_G
PB_LS_G
PC_LS_G
PX_LS_S
AMP_P
AMP_N
AMP_OUT
GND
33937
VSYS
MCU
OR
DSP
3
3
3
RSEN
EN1
VSS
EN2


Similar Part No. - 33937

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33937 FREESCALE-33937 Datasheet
739Kb / 48P
Three Phase Field Effect Transistor Pre-driver
33937A FREESCALE-33937A Datasheet
739Kb / 48P
Three Phase Field Effect Transistor Pre-driver
33937 FREESCALE-33937_09 Datasheet
739Kb / 48P
Three Phase Field Effect Transistor Pre-driver
More results

Similar Description - 33937

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
Three-phase motor pre-driver for LBP
logo
Freescale Semiconductor...
MCZ33927EK FREESCALE-MCZ33927EK Datasheet
534Kb / 44P
Three-Phase Field Effect Transistor Pre-Driver
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
Three-Phase Field Effect Transistor Pre-Driver
33937 FREESCALE-33937_09 Datasheet
739Kb / 48P
Three Phase Field Effect Transistor Pre-driver
MC33937 FREESCALE-MC33937 Datasheet
679Kb / 48P
Three Phase Field Effect Transistor Pre-driver
MC34937 FREESCALE-MC34937 Datasheet
733Kb / 49P
Three Phase Field Effect Transistor Pre-driver
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
Pre-regulated Three Phase Gate Driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
Three phase field effect transistor
Rev. 13.0-27 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com