Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142MDREP Datasheet(PDF) 8 Page - Texas Instruments

Part # TLE2142MDREP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142MDREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLE2142MDREP Datasheet HTML 4Page - Texas Instruments TLE2142MDREP Datasheet HTML 5Page - Texas Instruments TLE2142MDREP Datasheet HTML 6Page - Texas Instruments TLE2142MDREP Datasheet HTML 7Page - Texas Instruments TLE2142MDREP Datasheet HTML 8Page - Texas Instruments TLE2142MDREP Datasheet HTML 9Page - Texas Instruments TLE2142MDREP Datasheet HTML 10Page - Texas Instruments TLE2142MDREP Datasheet HTML 11Page - Texas Instruments TLE2142MDREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34830
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 12. 480i Signal (RFREQ = 108kΩ)
Figure 13. 480i 2T and Modulated 12.5T Response
(RFREQ = 108kΩ)
Figure 14. 480i Vertical/Horizontal Sync Levels (RFREQ =
108kΩ)
Figure 15. 1080i Signal
Figure 16. 1080i 2T Response
Figure 17. 1080i Vertical/Horizontal Sync Levels
Time (95μs/div)
gnd
Input
Output
Set to 0 V by Sync tip clamp
Set to 0.5 V
gnd
TIME (9.5
μs/DIV)
Time (700ns/div)
gnd
gnd
Input
Output
TIME (700ns/DIV)
TIME (0.6ms/div)
INPUT
OUTPUT
gnd
gnd
TIME (0.6ms/DIV)
Time (34μs/div)
gnd
gnd
Input
Output
Set to 0.5 V
Set to 0 V by Sync tip clamp
TIME (3.4
μs/DIV)
Time (25ns/div)
gnd
gnd
Input
Output
TIME (25ns/DIV)
TIME (0.8ms/div)
INPUT
OUTPUT
gnd
gnd
TIME (0.8ms/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com