Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142MDREP Datasheet(PDF) 1 Page - Texas Instruments

Part # TLE2142MDREP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142MDREP Datasheet(HTML) 1 Page - Texas Instruments

  TLE2142MDREP Datasheet HTML 1Page - Texas Instruments TLE2142MDREP Datasheet HTML 2Page - Texas Instruments TLE2142MDREP Datasheet HTML 3Page - Texas Instruments TLE2142MDREP Datasheet HTML 4Page - Texas Instruments TLE2142MDREP Datasheet HTML 5Page - Texas Instruments TLE2142MDREP Datasheet HTML 6Page - Texas Instruments TLE2142MDREP Datasheet HTML 7Page - Texas Instruments TLE2142MDREP Datasheet HTML 8Page - Texas Instruments TLE2142MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Document Number: MC34830
Rev. 1.0, 9/2008
Freescale Semiconductor
Product Preview
© Freescale Semiconductor, Inc., 2008. All rights reserved.
*This document contains certain information on a product under development. Free-
scale reserves the right to change or discontinue this product without notice
HD to SD Adjustable Bandwidth
Video Buffer with DC Restore
The 34830 is a very high performance video buffer that can handle
HDTV bandwidths up to 1080p resolution. The integrated input clamp
works with all sync formats and all types of video signals. The 34830
includes an innovative capability to set the bandwidth to the optimum
trade-off of performance versus power dissipation. It can be adjusted
all the way from HD frequencies to SD frequencies while benefiting
from the lower power dissipation with lower bandwidths.
The 34830 can drive two standard video loads which are DC or AC
coupled. Input signals can be DC or AC coupled. For the DC coupled
case, the input sync should be close to ground. The 34830 can be
disabled, with shutdown current being 0.12
μA.
The 34830 is offered in an ultra thin UDFN package for space critical
applications. It operates on a single 3.0 to 5.5V supply over a -40°C to
85°C temperature range.
Features
• 1080p / UXGA to 480i / VGA video buffer with 6dB gain
• Integrated input clamp
• Adjustable BW to save power
• Handles CV, Y, C, Pb, Pr, R, G, B signals
• Drives two video loads
• Single supply operation
• 3.0 to 5.5V range
• Rail to rail output
• 0.3% dG / 0.3% d
θ for SD
• 0.6% THD for HD
•0.12
μA shutdown current
• Ultra thin UDFN package
• Pb-free packaging designated by suffix code EP
Applications
Cellular phones
DVD players
Portable Game Players, Set-top boxes
Laptop PCs, Desktop PCs,
Projectors, Digital Cameras, Camcorders, Portable
Media Players, Security Systems
Figure 1. 34830 Simplified Application Diagram
HD VIDEO BUFFER IC
EP SUFFIX (PB-FREE)
98ASA10819D
6-PIN UDFN
34830
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
PC34830EP/R2
-40°C to 85°C
6-UDFN
Bottom
View
34830
VCC
IN
ENABLE
OUT
RFREQ
GND
Video cable


Similar Part No. - TLE2142MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2142MDR TI-TLE2142MDR Datasheet
1Mb / 70P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142MDR TI-TLE2142MDR Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142MDR TI-TLE2142MDR Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142MDR TI1-TLE2142MDR Datasheet
1Mb / 79P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142MDRG4 TI-TLE2142MDRG4 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2142MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027-EP TI1-TLE2027-EP Datasheet
795Kb / 28P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037IDR TI1-TLE2037IDR Datasheet
994Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144-EP TI-TLE2144-EP_15 Datasheet
737Kb / 33P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI-TLE2142-Q1_15 Datasheet
465Kb / 25P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI1-TLE2141-EP_12 Datasheet
821Kb / 33P
Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com