Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142MDREP Datasheet(PDF) 14 Page - Texas Instruments

Part # TLE2142MDREP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142MDREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLE2142MDREP Datasheet HTML 10Page - Texas Instruments TLE2142MDREP Datasheet HTML 11Page - Texas Instruments TLE2142MDREP Datasheet HTML 12Page - Texas Instruments TLE2142MDREP Datasheet HTML 13Page - Texas Instruments TLE2142MDREP Datasheet HTML 14Page - Texas Instruments TLE2142MDREP Datasheet HTML 15Page - Texas Instruments TLE2142MDREP Datasheet HTML 16Page - Texas Instruments TLE2142MDREP Datasheet HTML 17Page - Texas Instruments TLE2142MDREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
34830
FUNCTIONAL DEVICE OPERATION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
INPUT CONSIDERATIONS
As explained in the Input Clamp section, the 34830
features an internal clamp that allows the device to work with
both AC as well as DC-coupled input signals. To AC-couple
the input signal, use a 0.1μF capacitor following the video
signal source. If the signal being AC-coupled has sync, then
the 34830’s clamp circuit ensures that the sync tip is detected
and positioned near ground (Sync Tip Clamp). If the signal
that is being AC-coupled does not have sync (Key Clamp),
care must be taken to ensure that its most negative portions
are not confused as being sync tips and clamped, resulting in
signal distortion. In order to prevent this from happening, the
user must set the DC bias at the input correctly. See the
SETTING KEY CLAMP BIAS section.
When the input to the 34830 goes above 50mV, the clamp
circuit becomes transparent and does not have any effect on
the signal being passed. This allows the 34830 to work with
DC-coupled signals. To DC-couple the input signal, simply
connect the video source directly to the input of the 34830.
OUTPUT CONISDERATIONS
The relationship between input and output for the 34830
follows the equation:
Where the 250mV term is the offset provided by the
internal level shifter. The 100mV term that is added to the
equation represents the worst case errors and offsets that
can be expected from the signal path, due to process and
temperature variations.
The 34830 has been optimized to drive a single standard
video load. A standard video load typically consists of a 75Ω
back-termination resistor, followed by a matched video cable
and a 75Ω load resistor. The 34830 can drive up to 5pF of
load capacitance in parallel with the video cable and load
resistor. Two video loads can be supported by the 34830 with
a minimum tradeoff in performance parameters.
The output of the 34830 can be both AC or DC-coupled.
When the output is AC-coupled the AC-coupling capacitor
forms a high-pass filter with the load resistor. Ensure that the
value of the AC-coupling capacitor is such that the lowest
frequencies of the video signal are passed without
attenuation from this filter. A typical value for the output AC-
coupling capacitor is 220μF.
Place the output termination resistor as close to the output
as possible to minimize parasitic inductance and capacitance
effects that tend to deteriorate signal quality.
VOUT 2VIN 250mV
+
()
×
100mV
±
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com