Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3203ASWZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADV3203ASWZ
Description  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3203ASWZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADV3203ASWZ Datasheet HTML 10Page - Analog Devices ADV3203ASWZ Datasheet HTML 11Page - Analog Devices ADV3203ASWZ Datasheet HTML 12Page - Analog Devices ADV3203ASWZ Datasheet HTML 13Page - Analog Devices ADV3203ASWZ Datasheet HTML 14Page - Analog Devices ADV3203ASWZ Datasheet HTML 15Page - Analog Devices ADV3203ASWZ Datasheet HTML 16Page - Analog Devices ADV3203ASWZ Datasheet HTML 17Page - Analog Devices ADV3203ASWZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADV3202/ADV3203
Rev. 0 | Page 14 of 20
THEORY OF OPERATION
The ADV3202/ADV3203 are single-ended crosspoint arrays
with 16 outputs, each of which can be connected to any one
of 32 inputs.The 32 switchable input stages are connected to
each output buffer to form 32-to-1 multiplexers. There are 16 of
these multiplexers, each with its inputs wired in parallel, for a
total array of 512 stages forming a multicast-capable crosspoint
switch. In addition to connecting to any of the nominal inputs
(INxx), each output can also be connected to an associated OSD
input through an additional 2-to-1 multiplexer at each output.
This 2-to-1 multiplexer switches between the output of the 32-
to-1 multiplexer and the OSD input.
Each input to the ADV3202/ADV3203 is buffered by a receiver.
The purpose of this receiver is to provide overvoltage protection
for the input stages by limiting signal swing. In the ADV3202,
the output of the receiver is limited to ±1.2 V about VREF,
while in the ADV3203, the signal swing is limited to ±1.2 V
about midsupply. This receiver is configured as a voltage
feedback unity-gain amplifier. Excess loop gain bandwidth
product reduces the effect of the closed-loop gain on the
bandwidth of the device. In addition to a receiver, each input
also has a sync-tip clamp for use in ac-coupled applications.
This clamp is either enabled or disabled according to the 193rd
serial data bit. When enabled, the clamp forces the lowest video
voltage to the voltage on the VCLAMP pin. The VCLAMP pin
is common for the entire chip and needs to be driven with a low
impedance to avoid crosstalk.
x1
OUT00
VPOS
VNEG
FROM INPUT
STAGES
VPOS
VNEG
OSD00
OSDS00
Figure 19. Conceptual Diagram of Single Output Channel, G = +1 (ADV3202)
Decoding logic for each output selects one (or none) of the
input stages to drive the output stage. The enabled input stage
drives the output stage, which is configured as a unity-gain
amplifier in the ADV3202 (see Figure 19). In the ADV3203, an
internal resistive feedback network and reference buffer provide
for a total output stage gain of +2 (see Figure 20). The input
voltage to the reference buffer is the VREF pin. This voltage is
common for the entire chip and needs to be driven with a low
impedance to avoid crosstalk.
OUT00
x1
VPOS
VNEG
FROM INPUT
STAGES
VPOS
VNEG
VREF
VPOS
VNEG
OSD00
OSDS00
2kΩ
2kΩ
Figure 20. Conceptual Diagram of Single Output Channel, G = +2 (ADV3203)
IN00
VPOS
VPOS
VNEG
VCLAMP
5µA
TO INPUT
RECEIVER
OFF-CHIP
CAPACITOR
Figure 21. Conceptual Diagram of Sync-Tip Clamp in an
AC-Coupled Application
The output stage of the ADV3202/ADV3203 is designed for low
differential gain and phase error when driving composite video
signals. It also provides slew current for fast pulse response
when driving component video signals.
The outputs of the ADV3202/ADV3203 can be disabled to
minimize on-chip power dissipation. When disabled, a series of
internal amplifiers drive internal nodes such that a wideband
high impedance is presented at the disabled output, even while
the output bus is under large signal swings. (In the ADV3203,
there is 4 kΩ of resistance terminated to the VREF voltage by
the reference buffer). This high impedance allows multiple ICs
to be bussed together without additional buffering. Care must
be taken to reduce output capacitance, which results in more
overshoot and frequency domain peaking. In addition, when
the outputs are disabled and driven externally, the voltage
applied to them should not exceed the valid output swing range
for the ADV3202/ADV3203 to keep these internal amplifiers in
their linear range of operation. Applying excess voltage to the
disabled outputs can cause damage to the ADV3202/ADV3203
and should be avoided (see the Absolute Maximum Ratings
section for guidelines).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com