Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS361 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 32Page - Texas Instruments TMDS361 Datasheet HTML 33Page - Texas Instruments TMDS361 Datasheet HTML 34Page - Texas Instruments TMDS361 Datasheet HTML 35Page - Texas Instruments TMDS361 Datasheet HTML 36Page - Texas Instruments TMDS361 Datasheet HTML 37Page - Texas Instruments TMDS361 Datasheet HTML 38Page - Texas Instruments TMDS361 Datasheet HTML 39Page - Texas Instruments TMDS361 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
TMDS361
SLLS919 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
Register 0x01 is read/write.
Table 9. I2C Register 0x02 Lookup Table
BIT
VALUE
STATE
DEFAULT
DESCRIPTION
7:6
Bit 7
Bit 6
Port Select Status Indicator
1
1
X
Indicates port 1 is selected as the active port, all other ports are low.
1
0
Indicates port 2 is selected as the active port, all other ports are low.
0
0
Indicates port 3 is selected as the active port, all other ports are low.
0
1
Indicates standby mode: HPD[1:3] follows HPD_SINK.
5:4
Bit 4
Bit 3
OVS Control Status Indicator
0
0
Indicates DDC sink side VOL and VIL offset range 2: VIL2 (max): 0.4 V, VOL2 (max): 0.6 V
0
1
X
Indicates DDC sink side VOL and VIL offset range 3: VIL3 (max): 0.3 V, VOL3 (max): 0.5 V
1
1
Indicates DDC sink side VOL and VIL offset range 1: VIL1 (max): 0.4 V, VOL1 (max): 0.7 V
3:2
Bit 3
Bit 2
Output edge rate status control
1
1
Indicates fastest edge rate + 90 ps
1
0
Indicates fastest edge rate + 60 ps
0
1
Indicates fastest edge rate + 30 ps
0
0
X
Indicates fastest edge rate
1:0
Bit 1
Bit 0
Power Mode Status Indicator
1
0
Indicates device enters low-power mode
1
1
Indicates device enters low-power mode
0
1
Reserved
0
0
X
Indicates device is in normal-power mode
Register 0x02 is read-only.
Table 10. I2C Register 0x03 Lookup Table
BIT
VALUE
STATE
DEFAULT
DESCRIPTION
7
1
Clock
X
Clock Detect Circuit Enabled. It is recommended that TMDS361 is used in this default mode
detect
during normal operation where clock detect circuit is enabled . The terminations on the TMDS
enable
input data lines are connected only when valid TMDS clock is detected on the selected port.
0
Clock
Clock Detect Circuit Disabled. For HDMI compliance testing (TMDS Termination Voltage Test)
detect
clock-detect feature should be disabled. In this mode the terminations on the TMDS input data
disable
lines are always connected when the port is selected.
6:5
X
RSVD
Reserved
4
0
RSVD
X
Note: Do not write a 1 to this bit
3:0
0
RSVD
X
Reserved
Register 0x03 is read/write
Table 11. I2C Register 0x04 Lookup Table
BIT
VALUE
STATE
DEFAULT
DESCRIPTION
7
1
Clock
A valid clock signal is detected on the selected port.
detected
0
No clock
X
The selected port does not have a valid clock signal.
detect
6:5
X
RSVD
Reserved
4
0
RSVD
X
This bit should always read 0
3:0
0
RSVD
X
Reserved
36
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com