Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS361 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 8Page - Texas Instruments TMDS361 Datasheet HTML 9Page - Texas Instruments TMDS361 Datasheet HTML 10Page - Texas Instruments TMDS361 Datasheet HTML 11Page - Texas Instruments TMDS361 Datasheet HTML 12Page - Texas Instruments TMDS361 Datasheet HTML 13Page - Texas Instruments TMDS361 Datasheet HTML 14Page - Texas Instruments TMDS361 Datasheet HTML 15Page - Texas Instruments TMDS361 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
TMDS DDC and Local I
2C Pins
ELECTRICAL CHARACTERISTICS
TMDS361
SLLS919 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
DDC I2C Buffer or Repeater: The TMDS361 provides buffering on the DDC I2C interface for each of the input
ports connected. This feature isolates the capacitance on the source side from the sink side and thus helps in
passing system-level compliance. See the DDC I2C Function Description section for a detailed description on
how the DDC I2C buffer operates. Note that a key requirement on the sink side is that the VIL(Sink) (input to
TMDS361) should be less than 0.4 V. This requirement should be met for the DDC I2C buffer to function
properly. There are three settings of VIL(Sink) and VOL(Sink) that can be chosen based on OVS settings (See Table 8
through Table 11).
Local I2C Interface: The TMDS361 includes a slave I2C interface to control device features like TMDS input port
selection, TMDS output edge-rate control, power management, DDC buffer OVS settings, etc. See Table 8
through Table 11.
The TMDS361 is designed to be controlled via a local I2C interface or GPIO interface, based on the status of the
I2C_SEL pin. The local I2C interface in the TMDS361 is only a slave I2C interface. See the I2C INTERFACE
NOTES section for a detailed description of I2C functionality.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IL
Low-level input current
VCC = 3.6 V, VI = 0 V
–10
10
µA
Ilkg(Sink)
Input leakage current
Sink pins
VCC = 3.6 V, VI = 4.95 V
–10
10
µA
DC bias = 2.5 V, AC = 3.5 Vp-p,
CIO(Sink)
Input/output capacitance
Sink pins
15
pF
f = 100 kHz
VIH(Sink)
High-level input voltage
Sink pins
2.1
5.5
V
VIL1(Sink)
Low-level input voltage
Sink pins
OVS 1
–0.2
0.4
V
VOL1(Sink)
Low-level output voltage
Sink pins
IO = 3 mA, OVS = HIGH
0.6
0.7
V
VIL2(Sink)
Low-level input voltage
Sink pins
OVS 2
–0.2
0.4
V
VOL2(Sink)
Low-level output voltage
Sink pins
IO = 3 mA, OVS = LOW
0.5
0.6
V
VIL3(Sink)
Low-level input voltage
Sink pins
OVS 3
–0.2
0.3
V
VOL3(Sink)
Low-level output voltage
Sink pins
IO = 3 mA, OVS = high-Z
0.4
0.5
V
Ilkg(I2C)
Input leakage current
Port[1:3] pins
VCC = 3.6 V, VI = 4.95 V
–10
10
µA
DC bias = 2.5 V, AC = 3.5 Vp-p,
CIO(I2C)
Input/output capacitance
Port[1:3] pins
15
pF
f = 100 kHz
VIH(I2C)
High-level input voltage
Port[1:3] pins
2.1
5.5
V
VIL(I2C)
Low-level input voltage
Port[1:3] pins
–0.2
1.5
V
VOL(I2C)
Low-level output voltage
Port[1:3] pins
IO = 3 mA
0.2
V
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com