Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS361 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS361
Description  1080p - Deep Color 3-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS361 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMDS361 Datasheet HTML 10Page - Texas Instruments TMDS361 Datasheet HTML 11Page - Texas Instruments TMDS361 Datasheet HTML 12Page - Texas Instruments TMDS361 Datasheet HTML 13Page - Texas Instruments TMDS361 Datasheet HTML 14Page - Texas Instruments TMDS361 Datasheet HTML 15Page - Texas Instruments TMDS361 Datasheet HTML 16Page - Texas Instruments TMDS361 Datasheet HTML 17Page - Texas Instruments TMDS361 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
SCL[x]
SDA[x]
Input
SCL
SDA_SINK
Output
_SINK
80%
20%
t
PHL2
t
PLH2
5V
1.6V
0.1V
5V
1.6V
V
OL
T0388-01
t
f2
SCL
SDA_SINK
Input
_SINK
SCL[x]
SDA[x]
Output
80%
20%
t
PHL1
5V
1.6V
0.1V
5V
1.6V
V
OL
t
f1
T0389-01
SCL
SDA_SINK
Input
_SINK
SCL[x]
SDA[x]
Output
t
PLH1
5V
V
OL
5V
1.6V
T0390-01
TMDS Main Link Pins
TMDS361
SLLS919 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
Figure 6. Source-Side Output AC Measurements
Figure 7. Sink-Side Output AC Measurements
Figure 8. Source-Side Output AC Measurements (Continued)
The TMDS port of the TMDS361 is designed to be compliant with the Digital Video Interface (DVI) 1.0 and High
Definition Multimedia Interface (HDMI) 1.3 specifications. The differential output voltage swing can be fine-tuned
with the VSadj resistor.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TMDS361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com