Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP122AMDBVTEP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMP122AMDBVTEP
Description  1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP122AMDBVTEP Datasheet(HTML) 3 Page - Texas Instruments

  TMP122AMDBVTEP Datasheet HTML 1Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 2Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 3Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 4Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 5Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 6Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 7Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 8Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ELECTRICAL CHARACTERISTICS
TMP122-EP
www.ti.com .......................................................................................................................................................................................... SBOS454 – NOVEMBER 2008
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Temperature
Range
-55
125
°C
input
-25°C to 85°C
±0.5
±1.5
Accuracy (temperature error)
-55°C to 125°C
±1.0
±2.0
°C
-55°C to 150°C
±1.5
vs supply
0.1
°C/V
Resolution(1)
Selectable
±0.0625
°C
Digital
VIH
0.7 (V+)
V
input/output
VIL
0.3 (V+)
V
Input current, SO/I, SCK, CS
0 V
≤ VIN ≤ V+
±1
µA
VOL SO/I
ISINK = 3mA
0.4
V
VOH SO/I
ISOURCE = 2mA
(V+) - 0.4
V
VOL ALERT
ISINK = 4mA
0.4
V
Leakage current ALERT
0 V
≤ VIN ≤ 6 V
±1
µA
Input capacitance, SO/I, SCK, CS,
2.5
pF
ALERT
Reolution
Selectable
9 to 12 + sign
bits
Conversion time
9 bit + sign
30
40
10 bit + sign
60
80
ms
11 bit + sign
120
160
12 bit + sign
240
320
Power supply
Operating range
2.7
5.5
V
Quiescent current IQ
Serial bus inactive
50
75
µA
Shutdown current ISD
Serial bus inactive
0.1
1
Temperature
Specified range
-55
125
range
Operating range
-55
150
°C
Storage range
-60
150
Thermal resistance,
θ
JA
SOT23-6
200
°C/W
surface-mount
(1)
Specified for 12-bit resolution.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP122-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com