Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP122AMDBVTEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP122AMDBVTEP
Description  1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP122AMDBVTEP Datasheet(HTML) 1 Page - Texas Instruments

  TMP122AMDBVTEP Datasheet HTML 1Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 2Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 3Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 4Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 5Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 6Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 7Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 8Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
SUPPORTS DEFENSE, AEROSPACE,
TMP122-EP
www.ti.com .......................................................................................................................................................................................... SBOS454 – NOVEMBER 2008
1.5°C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS
WITH SPI™ INTERFACE
2
• Digital Output: SPI-Compatible Interface
• Programmable Resolution: 9 to 12 Bits + Sign
The TMP122 is an SPI-compatible temperature
sensor available in an SOT23-6 package. Requiring
• Aaccuracy: ±1.5°C from -25°C to 85°C (max)
only a pull-up resistor for complete function, the
±2.0°C from -55°C to 125°C (max)
TMP122 temperature sensor is capable of measuring
• Low Quiescent Current: 50 µA
temperatures
within
2°C
of
accuracy
over
a
• Wide Supply Range: 2.7 V to 5.5 V
temperature range of -55°C to 125°C, with operation
up
to
150°C.
Programmable
resolution,
• Tiny SOT23-6 Package
programmable set points and shut down function
• Operation to 150°C
provide versatility for any application. Low supply
• Programmable High/Low Setpoints
current and a supply range from 2.7 V to 5.5 V make
the TMP122 an excellent candidate for low-power
applications.
• Power-Supply Temperature Monitoring
The
TMP122
is
ideal
for
extended
thermal
• Computer Peripheral Thermal Protection
measurement
in
a
variety
of
communication,
computer, consumer, environmental, industrial, and
• Notebook Computers
instrumentation applications.
• Cell Phones
• Battery Management
• Office Machines
• Thermostat Controls
• Environmental Monitoring and HVAC
• Electromechanical Device Temperature
AND MEDICAL APPLICATIONS
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in Military (–55°C/125°C)
Temperature Range(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
(1)
Additional temperature ranges are available - contact factory
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP122AMDBVTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP122AMDBVTEP TI-TMP122AMDBVTEP Datasheet
563Kb / 17P
1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
More results

Similar Description - TMP122AMDBVTEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP122 TI1-TMP122_15 Datasheet
511Kb / 19P
1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
2째C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
Accurate Digital Temperature Sensor with SPI田?Interface
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com