Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP122AMDBVTEP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP122AMDBVTEP
Description  1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP122AMDBVTEP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP122AMDBVTEP Datasheet HTML 2Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 3Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 4Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 5Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 6Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 7Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 8Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 9Page - Texas Instruments TMP122AMDBVTEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TMP122-EP
SBOS454 – NOVEMBER 2008 .......................................................................................................................................................................................... www.ti.com
Multiple commands may be strung together as illustrated in Figure 2. The TMP122 accepts commands
alternating with 16-bit response data. On lowering CS, the part always responds with a READ from the address
location indicated by the READ address register. If the next command is a READ command then data is returned
from the address specified by the READ command with the 16th clock resetting the READ address register to
the default temperature register. The TMP122 then expects a 16-bit command. If the command is a WRITE
command, then the 16 clocks following the command will again return temperature data.
Figure 3, Figure 4, Figure 5, and Figure 6 detail the communication sequences.
Table 1. READ Command
READ Command
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Temperature
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Configuration
1
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
register
Low temperature
1
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
threshold
High temperature
1
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
threshold
Table 2. WRITE Command
WRITE Command
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Temperature
0
0
0
0
D1
D0
R1
R0
F1
F0
POL
TM1
TM0
0
1
0
Low temperature
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
1
0
0
threshold
High temperature
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
1
1
0
threshold
Shutdown command
x
x
x
x
x
x
x
x
1
1
1
1
1
1
1
1
Figure 3. READ followed by WRITE Command to TLOW/THIGH Register
Figure 4. READ followed by WRITE Command to Configuration Register
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TMP122-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com