Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68HC901 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS68HC901
Description  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS68HC901 Datasheet HTML 11Page - STMicroelectronics TS68HC901 Datasheet HTML 12Page - STMicroelectronics TS68HC901 Datasheet HTML 13Page - STMicroelectronics TS68HC901 Datasheet HTML 14Page - STMicroelectronics TS68HC901 Datasheet HTML 15Page - STMicroelectronics TS68HC901 Datasheet HTML 16Page - STMicroelectronics TS68HC901 Datasheet HTML 17Page - STMicroelectronics TS68HC901 Datasheet HTML 18Page - STMicroelectronics TS68HC901 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
GENERAL PURPOSE INPUT/OUTPUT
INTERRUPT PORT
The general purpose interrupt input/output (I/O) port
(GPIP) provides eight I/O lines (I0 through I7) that
may be operated as either inputs or outputs under
software control. In addition, these lines may optio-
nally generate an interrupt on either a positive trans-
ition or negative transition of the input signal. The
flexibility of the GPIP allows it to be configured as an
8-Bit I/0 port or for bit I/O. Since interrupts are en-
abled on a bit-by-bit basis, a subset of the GPIP
could be programmed as handshake lines or the
port could be connected to as many as eight exter-
nal interrupt sources, which would be prioritized by
the CMFP interrupt controller for interrupt service.
6800 INTERRUPT CONTROLLER
The CMFP interrupt controller is particularly useful
in a system which has many 6800-type devices. Ty-
pically, in a vectored 68000 system, 6800-type pe-
ripherals use the autovector which corresponds to
their assigned interrupt level since they do not pro-
vide a vector number in response to an AC cycle.
The autovector interrupt handler must then poll all
6800-type devices at that interrupt level to deter-
mine which device is requesting service. However,
by tying the IRQ output from a 6800-type device to
the general purpose I/O interrupt port (GPIP) of a
CMFP, a unique vector number will be provided to
the processor during an interrupt acknowledge cy-
cle. This interrupt structure will significantly reduce
interrupt latency for 6800-type devices and other pe-
ripheral devices which do not support vector-by-de-
vice.
GPIP CONTROL REGISTERS
The GPIP is programmed via three control registers
shown in figure 11. These registers control the data
direction provide user access to the port, and specify
the active edge for each bit of the GPIP which will
produce an interrupt. These registers are described
in detail in the following paragraphs.
GPIP DATA REGISTER
The general purpose I/O data register is used to in-
put or output data to the port. When data is written
to the GPIP data register, those pins which are de-
fined as inputs will remain in the high-impedance
state. Pins which are defined as outputs will assume
the state (high or low) of their corresponding bit in
the data register. When the GPIP is read, data will
be passed directly from the bits of the data register
for pins which are defined as outputs. Data from pins
defined as inputs will come from the input buffers.
ACTIVE EDGE REGISTER
The active edge register (AER) allows each of the
GPIP lines to produce an interrupt on either a one-
to-zero or a zero-to-one transition. Writing a zero the
appropriate edge bit of the active edge register
causes the associated input to generate an interrupt
on the one-to-zero transition. Writing a one to the
edge bit will produce an interrupt on the zero-to-one
transition of the corresponding GPIP line.
®
TS68HC901
15/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com