Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68HC901 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS68HC901
Description  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS68HC901 Datasheet HTML 22Page - STMicroelectronics TS68HC901 Datasheet HTML 23Page - STMicroelectronics TS68HC901 Datasheet HTML 24Page - STMicroelectronics TS68HC901 Datasheet HTML 25Page - STMicroelectronics TS68HC901 Datasheet HTML 26Page - STMicroelectronics TS68HC901 Datasheet HTML 27Page - STMicroelectronics TS68HC901 Datasheet HTML 28Page - STMicroelectronics TS68HC901 Datasheet HTML 29Page - STMicroelectronics TS68HC901 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
SET : Incoming word received and receive buffer full
CLEARED : Receiver status register read
PE
Parity Error. This bit is set when the word transferred to the receive buffer has a parity error.
This bit is cleared when the word transferred to the receive buffer does not have a parity error.
SET : Word in receive buffer has a parity error
CLEARED : Word in receive buffer does not have a parity error
FE
Frame Error. A frame error exists when a non-zero data word is not followed by a stop bit in
the asynchronous character format. The FE bit is set when the word transferred to the receive
buffer has a frame error. The FE bit is cleared when the word transferred to the receive buffer
does not have a frame error.
SET : Word in receive buffer has a frame error
CLEARED : Word in receive buffer does not have a frame error
F/S or B
Found/Search or Break Detect. In the synchronous character format this bit can be set or clea-
red by software. When the bit is a zero, the USART receiver is placed in the search mode.
The incoming data is compared to the synchronous character register (SCR) and the word
length counter is disabled. The F/S bit will automatically be set when a match is found and
the word length counter will be enabled. An interrupt will also be produced on the receive error
channel.
SET : Incoming word matches synchronous character
CLEARED : MPU writes a zero or Incoming word does not match synchronous character
In the asynchronous character format, this flag indicates a break condition. A break is detec-
ted when an all zero data word with no stop bit is received. The break condition continues
until a non-zero data bit is received. The 8-bit is set when the word transferred to the receive
buffer is a break indication. A break condition generates an interrupt to the processor. This
bit is cleared when a non-zero data bit is received and the break condition has been acknow-
ledged by reading the RSR at least once. An end of break interrupt will be generated when
the bit is cleared.
SET : Word in receive buffer is a break
CLEARED : Break terminates and receiver status register read since beginning of break condition
M or CIP Match/Character in Progress. In the synchronous format, this flag indicates that a synchro-
nous character has been received. The M bit is set when the word transferred to the receive
buffer matches the synchronous character register. The M bit is cleared when the word trans-
ferred to the receive buffer does not match the synchronous character register.
SET : Word transferred to receive buffer matches the synchronous character
CLEARED : Word transferred to receive buffer does not match synchronous character
In the asynchronous character format, this flag indicates that a word is being assembled. The
CIP bit is set when a start bit is detected. The CIP bit is cleared when the final stop bit has
been received.
SET : Start bit is detected
CLEARED : End of word detected
SS
Synchronous Strip Enable. When this bit is a one, data words that match the synchronous
character register will not be loaded into the receive buffer and no buffer full condition will be
produced. When this bit is a zero, data words that match the synchronous character register
will be transferred to the receive buffer and a buffer full condition will be produced.
SET : MPU writes a one
Receiver Status Register (Continued)
®
TS68HC901
26/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com