Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68HC901 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS68HC901
Description  HCMOS MULTI-FUNCTION PERIPHERAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68HC901 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS68HC901 Datasheet HTML 14Page - STMicroelectronics TS68HC901 Datasheet HTML 15Page - STMicroelectronics TS68HC901 Datasheet HTML 16Page - STMicroelectronics TS68HC901 Datasheet HTML 17Page - STMicroelectronics TS68HC901 Datasheet HTML 18Page - STMicroelectronics TS68HC901 Datasheet HTML 19Page - STMicroelectronics TS68HC901 Datasheet HTML 20Page - STMicroelectronics TS68HC901 Datasheet HTML 21Page - STMicroelectronics TS68HC901 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
in the pulse width measurement mode is shown in
Figure 12.
The pulse width measurement mode functions simi-
larly to the delay mode, with the auxiliary control si-
gnal acting as an enable to the timer. When the
control signal is active, the prescaler and main coun-
ter are allowed to operate. When the control signal
is negated, the timer is stopped. So, the width of the
active pulse on TAI or TBI is measured by the num-
ber of timer counts which occur while the timer is al-
lowed to operate.
The active state of the auxiliary input line is defined
by the associated interrupt channel’s edge bit in the
active edge register (AER). GPIP4 of the AER is the
edge bit associated with TAI and GPIP3 is associa-
ted with TBI. When the edge bit is a one, the auxiliary
input will be active high, enabling the timer while the
input signal is at a high level. If the edge bit is low,
the auxiliary input will be active low and the timer will
operate while the input signal is at a low level.
The state of the active edge bit also specifies whe-
ther a zero-to-one transition or a one-to-zero trans-
ition of the auxiliary input pin will produce an interrupt
when the interrupt channel is enabled. In normal o-
peration, programming the active edge bit to a one
will produce an interrupt on the zero-to-one trans-
ition of the associated input signal. Alternately, pro-
gramming the edge bit to a zero will produce an in-
terrupt on the one-to-zero transition of the input si-
gnal. However, in the pulse width measurement
mode, the interrupt generated by a transition on TAI
or TBI will occur on the opposite transition as that
normally defined by the edge bit.
For example, in the pulse width measurement
mode, if the edge bit is a one, the timer will be allo-
wed to run while the auxiliary input TAI is high. When
TAI transitions from high to low, the timer will stop
and, if the interrupt channel is enabled, an interrupt
will occur. By having the interrupt occur on the one-
to-zero transition instead of the zero-to-one trans-
ition, the processor will be interrupted when the
pulse being measured has terminated and the width
of the pulse is available from the timer. Therefore,
the timers act like a divide-by-prescaler that can be
programmed by the timer data register and the ti-
mer’s A and B control register.
After reading the contents of the timer, the main
counter must be reinitialized by writing to the timer
data register to allow consecutive pulses to be mea-
sured. If the timer is written after the auxiliary input
signal is active, the timer will count from the previous
contents of the timer data register until it counts
through 01 (hexadecimal). At the time, the main
counter is loaded with the value from the timer data
register, a time out pulse is generated which will tog-
Figure 12 :
®
TS68HC901
18/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com