Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8641DEC Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # MPC8641DEC
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641DEC Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button MPC8641DEC Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8641DEC Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
134
Freescale Semiconductor
Ordering Information
Table 75 shows the parts that are available for ordering and their operating conditions.
Table 75. Part Offerings and Operating Conditions
Part Offerings 1
1
Note that the xx in the part marking represents the package option. The upper case “X” represents the
revision letter. For more information see Table 74.
Operating Conditions
MC8641Dxx1500KX
Dual core
Max CPU speed = 1500 MHz,
Max DDR = 600 MHz
Core Voltage = 1.1 volts
MC8641Dxx1333JX
Dual core
Max CPU speed = 1333 MHz,
Max DDR = 533 MHz
Core Voltage = 1.05 volts
MC8641Dxx1250HX
Dual core
Max CPU speed = 1250 MHz,
Max DDR = 500 MHz
Core Voltage = 1.05 volts
MC8641Dxx1000GX
Dual core
Max CPU speed = 1000 MHz,
Max DDR = 400 MHz
Core Voltage = 1.05 volts
MC8641Dxx1000NX
Dual core
MAX CPU speed = 1000 MHz,
MAX DDR = 500 MHz
Core Voltage = 0.95 volts
MC8641xx1500KX
Single core
Max CPU speed = 1500 MHz,
Max DDR = 600 MHz
Core Voltage = 1.1 volts
MC8641xx1333JX
Single core
Max CPU speed = 1333 MHz,
Max DDR = 533 MHz
Core Voltage = 1.05 volts
MC8641xx1250HX
Single core
Max CPU speed = 1250 MHz,
Max DDR = 500 MHz
Core Voltage = 1.05 volts
MC8641xx1000HX
Single core
Max CPU speed = 1000 MHz,
Max DDR = 400 MHz
Core Voltage = 1.05 volts
MC8641xx1000NX
Single core
Max CPU speed = 1000 MHz,
Max DDR = 500 MHz
Core Voltage = 0.95 volts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com