Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8641 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC8641
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC8641 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
8
Freescale Semiconductor
Electrical Characteristics
Local Bus and Platform PLL supply voltage
AVDD_LB,
AVDD_PLAT
1.10 ± 50 mV
V
8
1.05 ± 50 mV
7
DDR and DDR2 SDRAM I/O supply voltages
D1_GVDD,
D2_GVDD
2.5 V ± 125 mV
V
9
1.8 V ± 90 mV
V
9
eTSEC 1 and 2 I/O supply voltage
LVDD
3.3 V ± 165 mV
V
10
2.5 V ± 125 mV
V
10
eTSEC 3 and 4 I/O supply voltage
TVDD
3.3 V ± 165 mV
V
10
2.5 V ± 125 mV
V
10
Local Bus, DUART, DMA, Multiprocessor Interrupts, System
Control & Clocking, Debug, Test, Power management, I2C,
JTAG and Miscellaneous I/O voltage
OVDD
3.3 V ± 165 mV
V
5
Input voltage
DDR and DDR2 SDRAM signals
D
n
_MVIN
GND to D
n_GVDD
V3, 6
DDR and DDR2 SDRAM reference
D
n
_MV
REF
D
n_GVDD/2 ± 1%
V
Three-speed Ethernet signals
LVIN
TVIN
GND to LVDD
GND to TVDD
V4, 6
DUART, Local Bus, DMA,
Multiprocessor Interrupts, System
Control & Clocking, Debug, Test,
Power management, I2C, JTAG
and Miscellaneous I/O voltage
OVIN
GND to OVDD
V5,6
Junction temperature range
TJ
0 to 105
°C
Notes:
1. Core 1 characteristics apply only to MPC8641D
2. If two separate power supplies are used for VDD_Core0 and VDD_Core1, they must be at the same nominal voltage and the
individual power supplies must be tracked and kept within 100 mV of each other during normal run time.
3. Caution: D
n
_MVIN must meet the overshoot/undershoot requirements for Dn_GVDD as shown in Figure 2.
4. Caution: L/TVIN must meet the overshoot/undershoot requirements for L/TVDD as shown in Figure 2 during regular run time.
5. Caution: OVIN must meet the overshoot/undershoot requirements for OVDD as shown in Figure 2 during regular run time.
6. Timing limitations for M,L,T,O)VIN and Dn_MVREF during regular run time is provided in Figure 2
7. Applies to devices marked with a core frequency of 1333 MHz and below. Refer to Table 74 Part Numbering Nomenclature
to determine if the device has been marked for a core frequency of 1333 MHz and below.
8. Applies to devices marked with a core frequency above 1333 MHz. Refer to Table 74 Part Numbering Nomenclature to
determine if the device has been marked for a core frequency above 1333 MHz.
9. The 2.5 V ± 125 mV range is for DDR and 1.8 V ± 90 mV range is for DDR2.
10. See Section 8.2, “FIFO, GMII, MII, TBI, RGMII, RMII, and RTBI AC Timing Specifications” for details on the recommended
operating conditions per protocol.
11. The PCI Express interface of the device is expected to receive signals from 0.175 to 1.2 V. For more information refer to
Section 14.4.3, “Differential Receiver (RX) Input Specifications."
12. Applies to Part Number MC8641xxx1000NX only. VDD_Coren = 0.95 V and VDD_PLAT = 1.05 V devices. Refer to Table 74
Part Numbering Nomenclature to determine if the device has been marked for VDD_Coren = 0.95 V.
13. This voltage is the input to the filter discussed in Section 20.2, “Power Supply Design and Sequencing” and not necessarily
the voltage at the AVDD_Coren pin, which may be reduced from VDD_Coren by the filter.
Table 2. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended
Value
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com