Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8641 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8641
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8641 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8641 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 140 page
background image
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
13
Power Characteristics
3
Power Characteristics
The power dissipation for the dual core MPC8641D device is shown in Table 4.
Table 4. MPC8641D Power Dissipation (Dual Core)
Power Mode
Core Frequency
(MHz)
Platform
Frequency (MHz)
VDD_Coren,
VDD_PLAT
(Volts)
Junction
Temperature
Power
(Watts)
Notes
Typical
1500 MHz
600 MHz
1.1 V
65 oC
32.1
1, 2
Thermal
105 oC
43.4
1, 3
Maximum
49.9
1, 4
Typical
1333 MHz
533 MHz
1.05 V
65 oC
23.9
1, 2
Thermal
105 oC
30.0
1, 3
Maximum
34.1
1, 4
Typical
1250 MHz
500 MHz
1.05 V
65 oC
23.9
1, 2
Thermal
105 oC
30.0
1, 3
Maximum
34.1
1, 4
Typical
1000 MHz
400 MHz
1.05 V
65 oC
23.9
1, 2
Thermal
105 oC
30.0
1, 3
Maximum
34.1
1, 4
Typical
1000 MHz
500 MHz
0.95 V,
1.05 V
65 oC
16.2
1, 2, 5
Thermal
105 oC
21.8
1, 3, 5
Maximum
25.0
1, 4, 5
Notes:
1. These values specify the power consumption at nominal voltage and apply to all valid processor bus frequencies and
configurations. The values do not include power dissipation for I/O supplies.
2. Typical power is an average value measured at the nominal recommended core voltage (VDD_Coren) and 65°C junction
temperature (see Table 2)while running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz with one core
at 100% efficiency and the second core at 65% efficiency.
3. Thermal power is the average power measured at nominal core voltage (VDD_Coren) and maximum operating junction
temperature (see Table 2) while running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz on both
cores and a typical workload on platform interfaces.
4. Maximum power is the maximum power measured at nominal core voltage (VDD_Coren) and maximum operating junction
temperature (see Table 2) while running a test which includes an entirely L1-cache-resident, contrived sequence of
instructions which keep all the execution units maximally busy on both cores.
5. These power numbers are for Part Number MC8641Dxx1000NX only. VDD_Coren = 0.95 V and VDD_PLAT = 1.05 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com