Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8641D Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8641D
Description  Integrated Host Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8641D Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8641D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8641D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 140 page
background image
© Freescale Semiconductor, Inc., 2008. All rights reserved.
Freescale Semiconductor
Technical Data
1Overview
The MPC8641 processor family integrates either one or two
Power Architecture™ e600 processor cores with system
logic required for networking, storage, wireless
infrastructure, and general-purpose embedded applications.
The MPC8641 integrates one e600 core while the
MPC8641D integrates two cores.
This section provides a high-level overview of the MPC8641
and MPC8641D features. When referring to the MPC8641
throughout the document, the functionality described applies
to both the MPC8641 and the MPC8641D. Any differences
specific to the MPC8641D are noted.
Figure 1 shows the major functional units within the
MPC8641 and MPC8641D. The major difference between
the MPC8641 and MPC8641D is that there are two cores on
the MPC8641D.
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . .5
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . .13
4. Input Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . .18
6. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . .19
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
8. Ethernet: Enhanced Three-Speed Ethernet (eTSEC),
MII Management . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
9. Ethernet Management Interface Electrical
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .42
10. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .45
11. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .54
12. I
2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .58
13. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . . .60
14. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .70
15. Serial RapidIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79
16. Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .91
17. Signal Listings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .95
18. Clocking. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .110
19. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .113
20. System Design Information . . . . . . . . . . . . . . . . . . . .122
21. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . .132
22. Document Revision History. . . . . . . . . . . . . . . . . . . .136
MPC8641 and MPC8641D
Integrated Host Processor
Hardware Specifications
Document Number: MPC8641DEC
Rev. 1, 11/2008


Similar Part No. - MPC8641D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8641D FREESCALE-MPC8641D Datasheet
446Kb / 8P
Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
logo
NXP Semiconductors
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
logo
Freescale Semiconductor...
MPC8641DECS01AD FREESCALE-MPC8641DECS01AD Datasheet
446Kb / 8P
Integrated Host Processor Hardware Specifications Addendum for the MC8641xTxxnnnnxC Series
More results

Similar Description - MPC8641D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8347EA FREESCALE-MPC8347EA Datasheet
1Mb / 108P
Integrated Host Processor Hardware Specifications
MPC8349E FREESCALE-MPC8349E_07 Datasheet
1,019Kb / 88P
PowerQUICC??II Pro Integrated Host Processor Hardware Specifications
MPC8610EC FREESCALE-MPC8610EC Datasheet
1Mb / 96P
Integrated Host Processor Hardware Specifications
MPC8640DEC FREESCALE-MPC8640DEC Datasheet
1Mb / 140P
Integrated Host Processor Hardware Specifications
1500457 FREESCALE-1500457 Datasheet
680Kb / 87P
Integrated Host Processor Hardware Specifications
MC8610TPX1066JB FREESCALE-MC8610TPX1066JB Datasheet
1Mb / 96P
MPC8610 Integrated Host Processor Hardware Specifications
MPC8347VRAGDB FREESCALE-MPC8347VRAGDB Datasheet
727Kb / 99P
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
logo
NXP Semiconductors
MPC8343EAEC NXP-MPC8343EAEC Datasheet
928Kb / 80P
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
MPC8641D NXP-MPC8641D Datasheet
2Mb / 129P
MPC8641 and MPC8641D Integrated Host Processor Hardware Specifications
Rev. 3, 05/2014
MPC8610EC NXP-MPC8610EC_V01 Datasheet
1Mb / 96P
MPC8610 Integrated Host Processor Hardware Specifications
Rev. 2, 01/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com