Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313ECVRGDFB Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRGDFB
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRGDFB Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRGDFB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
68
Freescale Semiconductor
Package and Pin Listings
LA24
E23
O
LVDD
LA25
D22
O
LVDD
LCS0
D23
O
LVDD
LCS1
J26
O
LVDD
LCS2
F22
O
LVDD
LCS3
D26
O
LVDD
LWE0/LFWE
E24
O
LVDD
LWE1
H26
O
LVDD
LBCTL
L22
O
LVDD
LALE/M1LALE/M2LALE
E26
O
LVDD
LGPL0/LFCLE
AA23
O
LVDD
LGPL1/LFALE
AA24
O
LVDD
LGPL2/LOE/LFRE
AA25
O
LVDD
LGPL3/LFWP
AA26
O
LVDD
LGPL4/LGTA/LUPWAIT/LFRB
Y22
IO
LVDD
LGPL5
E21
O
LVDD
LCLK0
H22
O
LVDD
LCLK1
G26
O
LVDD
LA0/GPIO0/MSRCID0
AC24
IO
LVDD
LA1/GPIO1//MSRCID1
Y24
IO
LVDD
LA2/GPIO2//MSRCID2
Y26
IO
LVDD
LA3/GPIO3//MSRCID3
W22
IO
LVDD
LA4/GPIO4//MSRCID4
W24
IO
LVDD
LA5/GPIO5/MDVAL
W26
IO
LVDD
LA6/GPIO6
V22
IO
LVDD
LA7/GPIO7/TSEC_1588_TRIG2
V23
IO
LVDD
8
LA8/GPIO13/TSEC_1588_ALARM1
V24
IO
LVDD
8
LA9/GPIO14/TSEC_1588_PP3
V25
IO
LVDD
8
LA10/TSEC_1588_CLK
V26
O
LVDD
8
LA11/TSEC_1588_GCLK
U22
O
LVDD
8
LA12/TSEC_1588_PP1
AD24
O
LVDD
8
LA13/TSEC_1588_PP2
L25
O
LVDD
8
Table 63. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com