Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8313ECVRGDFB Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC8313ECVRGDFB
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313ECVRGDFB Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC8313ECVRGDFB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8313ECVRGDFB Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2.1
74
Freescale Semiconductor
Package and Pin Listings
RXB
R1
I
RXB
P1
I
SD_IMP_CAL_RX
V5
I
200
Ω to
GND
SD_REF_CLK
T5
I
SD_REF_CLK
T4
I
SD_PLL_TPD
T2
O
SD_IMP_CAL_TX
N5
I
100
Ω to
GND
SDAVDD
R5
IO
SD_PLL_TPA_ANA
R4
O
SDAVSS
R3
IO
USB PHY
USB_DP
P26
IO
USB_DM
N26
IO
USB_VBUS
P24
IO
USB_TPA
L26
IO
USB_RBIAS
M24
IO
USB_PLL_PWR3
M26
IO
USB_PLL_GND
N24
IO
USB_PLL_PWR1
N25
IO
USB_VSSA_BIAS
M25
IO
USB_VDDA_BIAS
M22
IO
USB_VSSA
N22
IO
USB_VDDA
P22
IO
GTM/USB
USBDR_DRIVE_VBUS/GTM1_TIN1/GTM2_TIN2/LSRCID0
AD23
IO
NVDD
USBDR_PWRFAULT/GTM1_TGATE1/GTM2_TGATE2/
LSRCID1
AE23
IO
NVDD
USBDR_PCTL0/GTM1_TOUT1/LSRCID2
AC22
O
NVDD
USBDR_PCTL1/LBC_PM_REF_10/LSRCID3
AB21
O
NVDD
SPI
SPIMOSI/GTM1_TIN3/GTM2_TIN4/GPIO28/LSRCID4
H1
IO
NVDD
Table 63. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com